Electronic Components Datasheet Search
  English  ▼

X  

AXP288 Datasheet(PDF) 80 Page - Shenzhen X-Powers Technology Co ., Ltd

Part # AXP288
Description  PMIC Optimized For Multi-Core High-Performance System
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPOWER [Shenzhen X-Powers Technology Co ., Ltd]
Direct Link  http://www.x-powers.com/en.php/Index/index
Logo XPOWER - Shenzhen X-Powers Technology Co ., Ltd

AXP288 Datasheet(HTML) 80 Page - Shenzhen X-Powers Technology Co ., Ltd

Back Button AXP288 Datasheet HTML 76Page - Shenzhen X-Powers Technology Co ., Ltd AXP288 Datasheet HTML 77Page - Shenzhen X-Powers Technology Co ., Ltd AXP288 Datasheet HTML 78Page - Shenzhen X-Powers Technology Co ., Ltd AXP288 Datasheet HTML 79Page - Shenzhen X-Powers Technology Co ., Ltd AXP288 Datasheet HTML 80Page - Shenzhen X-Powers Technology Co ., Ltd AXP288 Datasheet HTML 81Page - Shenzhen X-Powers Technology Co ., Ltd AXP288 Datasheet HTML 82Page - Shenzhen X-Powers Technology Co ., Ltd AXP288 Datasheet HTML 83Page - Shenzhen X-Powers Technology Co ., Ltd AXP288 Datasheet HTML 84Page - Shenzhen X-Powers Technology Co ., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 110 page
background image
AXP288
PMIC Optimized For Multi-Core High-Performance System
AXP288 Datasheet V1.06
Copyright © 2014 X-Powers Limited. All Rights Reserved.
80
REG 36H: POK setting
Default:59H
Reset: Bit 3 is reset by system reset, the others is reset by Power on reset
Table 10-40
Bit
Description
R/W
Default
7
ONLEVEL setting 1
00: 128ms; 01: 1s;
10: 2s;
11: 3s.
RW
0
6
ONLEVEL setting 0
RW
1
5
IRQLEVEL setting 1
00: 1s; 01: 1.5s;
10: 2s; 11: 2.5s.
RW
0
4
IRQLEVEL setting 0
RW
1
3
Enable bit of the function which will shut down the PMIC when POK is larger
than OFFLEVEL
0-disable; 1-enable
RW
1
2
The PMIC auto turn on or not when it shut down after off level POK
0: not turn on; 1: auto turn on
RW
0
1
OFFLEVEL setting 1
00: 4s; 01: 6s;
10: 8s; 11: 10s.
RW
0
0
OFFLEVEL setting 0
RW
1
REG 37H: POK Power off activity time setting
Default:00H
Reset: Power on reset
Table 10-41
Bit
Description
R/W
Default
7-3
Reserved
2-0
Power off activity time setting
0/10/20/30/40/50/60/70 S
R/W
000
REG 38H: VLTF-charge setting
Default:A5H
Reset: Power on reset
Bit
Description
R/W
Default
7-0 VLTF-charge setting, M
M*10H,M=A5H:2.112V;range is 0V-3.264V
RW
A5H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com