Electronic Components Datasheet Search
  English  ▼

X  

AXP288 Datasheet(PDF) 59 Page - Shenzhen X-Powers Technology Co ., Ltd

Part # AXP288
Description  PMIC Optimized For Multi-Core High-Performance System
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPOWER [Shenzhen X-Powers Technology Co ., Ltd]
Direct Link  http://www.x-powers.com/en.php/Index/index
Logo XPOWER - Shenzhen X-Powers Technology Co ., Ltd

AXP288 Datasheet(HTML) 59 Page - Shenzhen X-Powers Technology Co ., Ltd

Back Button AXP288 Datasheet HTML 55Page - Shenzhen X-Powers Technology Co ., Ltd AXP288 Datasheet HTML 56Page - Shenzhen X-Powers Technology Co ., Ltd AXP288 Datasheet HTML 57Page - Shenzhen X-Powers Technology Co ., Ltd AXP288 Datasheet HTML 58Page - Shenzhen X-Powers Technology Co ., Ltd AXP288 Datasheet HTML 59Page - Shenzhen X-Powers Technology Co ., Ltd AXP288 Datasheet HTML 60Page - Shenzhen X-Powers Technology Co ., Ltd AXP288 Datasheet HTML 61Page - Shenzhen X-Powers Technology Co ., Ltd AXP288 Datasheet HTML 62Page - Shenzhen X-Powers Technology Co ., Ltd AXP288 Datasheet HTML 63Page - Shenzhen X-Powers Technology Co ., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 110 page
background image
AXP288
PMIC Optimized For Multi-Core High-Performance System
AXP288 Datasheet V1.06
Copyright © 2014 X-Powers Limited. All Rights Reserved.
59
9.8 Interrupt Controller
PMIC Interrupt Controller monitors such as low power, bad battery, PWRON pin signal, over temperature, GPIO input
edge signals such as trigger events. When the events occur, corresponding IRQ status will be set to 1, and will drive IRQ pin
(NMOS open drain) asserted low. When host detect triggered IRQ signal, host will scan through the trigger events and respond
accordingly. Meanwhile, Host will reset the IRQ status by writing “1” to status bit. Host will always check every IRQ status from
time to time and only will take effect with respective relevant enabled IRQ bit only.
The input edge IRQ of GPIO will only functions when GPIO pin is set as Digital input, and the function will take effect when
input edge IRQ is enable . The input will go through about 1ms of de-bounce and corresponding IRQ will trigger when detect
rising and falling edge. Rising, falling, or both edge triggering is control by corresponding IRQ register bit.
8bits event timer will issue timeout IRQ. Clearing IRQ doesn’t start counter.
9.9 TWSI
The PMIC is compatible with a host-controlled environment, functioned as a slave port enabling serial interface
compatible hosts to write to or read from internal registers. The PMIC only responds (ACK) to address 68H/69H.
Table 9-46
BYTE
BIT
MSB
6
5
4
3
2
1
0
WRITE
0
1
1
0
1
0
0
0
READ
0
1
1
0
1
0
0
1
I/O DATA BUS
B7
B6
B5
B4
B3
B2
B1
B0
Incremental Read:
The PMIC support incremental read operations in normal TWI mode. The address increases by 1 automatically.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com