Electronic Components Datasheet Search
  English  ▼

X  

AXP288 Datasheet(PDF) 61 Page - Shenzhen X-Powers Technology Co ., Ltd

Part # AXP288
Description  PMIC Optimized For Multi-Core High-Performance System
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPOWER [Shenzhen X-Powers Technology Co ., Ltd]
Direct Link  http://www.x-powers.com/en.php/Index/index
Logo XPOWER - Shenzhen X-Powers Technology Co ., Ltd

AXP288 Datasheet(HTML) 61 Page - Shenzhen X-Powers Technology Co ., Ltd

Back Button AXP288 Datasheet HTML 57Page - Shenzhen X-Powers Technology Co ., Ltd AXP288 Datasheet HTML 58Page - Shenzhen X-Powers Technology Co ., Ltd AXP288 Datasheet HTML 59Page - Shenzhen X-Powers Technology Co ., Ltd AXP288 Datasheet HTML 60Page - Shenzhen X-Powers Technology Co ., Ltd AXP288 Datasheet HTML 61Page - Shenzhen X-Powers Technology Co ., Ltd AXP288 Datasheet HTML 62Page - Shenzhen X-Powers Technology Co ., Ltd AXP288 Datasheet HTML 63Page - Shenzhen X-Powers Technology Co ., Ltd AXP288 Datasheet HTML 64Page - Shenzhen X-Powers Technology Co ., Ltd AXP288 Datasheet HTML 65Page - Shenzhen X-Powers Technology Co ., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 110 page
background image
AXP288
PMIC Optimized For Multi-Core High-Performance System
AXP288 Datasheet V1.06
Copyright © 2014 X-Powers Limited. All Rights Reserved.
61
Address
Description
R/W
Default
29
ALDO2 voltage control
RW
17H
2A
ALDO3 voltage control
RW
1AH
2C
BC Module Global Register
RW
00H
2D
BC Module VBUS Control and Status Register
RW
30H
2E
BC USB Status Register
RW
00H
2F
BC Detect Status Register
R
20H
30
VBUS path control & Hold voltage setting
RW
21H
31
Power wakeup control & VOFF setting
RW
03H
32
Power Disable, BAT detect and CHGLED pin control
RW
4XH
33
Charger Control 1
RW
CXH
34
Charger Control 2
RW
45H
35
Charger Control 3
RW
18H
36
POK setting
RW
59H
37
POK Power off activity time setting
RW
00H
38
VLTF-charge setting
RW
A5H
39
VHTF-charge setting
RW
1FH
3A
Reserved
RW
XXH
3B
BUCK frequency setting
RW
08H
3C
VLTF-work setting
RW
FCH
3D
VHTF-work setting
RW
16H
3E
Reserved
RW
XXH
40
IRQ enable 1
RW
D8H
41
IRQ enable 2
RW
FFH
42
IRQ enable 3
RW
FFH
43
IRQ enable 4
RW
03H
44
IRQ enable 5
RW
7CH
45
IRQ enable 6
RW
00H
48
IRQ Status 1
RW
00H
49
IRQ Status 2
RW
00H
4A
IRQ Status 3
RW
00H
4B
IRQ Status 4
RW
00H
4C
IRQ Status 5
RW
00H
4D
IRQ Status 6
R
00H
58
TS pin input ADC data, highest 8bit
R
00H
59
TS pin input ADC data, lowest 8bit
R
00H
5A
GPIO0 pin input ADC data, highest 8bit
R
00H
5B
GPIO0 pin input ADC data, lowest 8bit
R
00H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com