Electronic Components Datasheet Search
  English  ▼

X  

CN708 Datasheet(PDF) 2 Page - Shanghai Consonance Electronics Incorporated

Part # CN708
Description  Low Power Microprocessor Supervisory Circuits
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONSONANCE [Shanghai Consonance Electronics Incorporated]
Direct Link  http://www.consonance-elec.com/
Logo CONSONANCE - Shanghai Consonance Electronics Incorporated

CN708 Datasheet(HTML) 2 Page - Shanghai Consonance Electronics Incorporated

  CN708 Datasheet HTML 1Page - Shanghai Consonance Electronics Incorporated CN708 Datasheet HTML 2Page - Shanghai Consonance Electronics Incorporated CN708 Datasheet HTML 3Page - Shanghai Consonance Electronics Incorporated CN708 Datasheet HTML 4Page - Shanghai Consonance Electronics Incorporated CN708 Datasheet HTML 5Page - Shanghai Consonance Electronics Incorporated CN708 Datasheet HTML 6Page - Shanghai Consonance Electronics Incorporated CN708 Datasheet HTML 7Page - Shanghai Consonance Electronics Incorporated CN708 Datasheet HTML 8Page - Shanghai Consonance Electronics Incorporated CN708 Datasheet HTML 9Page - Shanghai Consonance Electronics Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
CONSONANCE
Typical Application Circuit:
PFO
WDO
WDI
RESET
MCU
RESET
I/O
NMI
INT
VCC
VCC
PFI
MR
GND
CN705/6/813
Figure 1
Typical Application Circuit
Device Function Reference Table
Part No.
Reset
threshold
Reset active
Low or High
Watchdog
Function
Operating
Temperature
CN705
4.65V
Low
Yes
-40℃--85℃
CN707
4.65V
Low and High
No
-40℃--85℃
CN813L
4.65V
High
Yes
-40℃--85℃
CN706
4.4V
Low
Yes
-40℃--85℃
CN708
4.4V
Low and High
No
-40℃--85℃
CN813M
4.4V
High
Yes
-40℃--85℃
CN706J
4.0V
Low
Yes
-40℃--85℃
CN708J
4.0V
Low and High
No
-40℃--85℃
CN813J
4.0V
High
Yes
-40℃--85℃
CN706T
3.08V
Low
Yes
-40℃--85℃
CN708T
3.08V
Low and High
No
-40℃--85℃
CN813T
3.08V
High
Yes
-40℃--85℃
CN706S
2.93V
Low
Yes
-40℃--85℃
CN708S
2.93V
Low and High
No
-40℃--85℃
CN813S
2.93V
High
Yes
-40℃--85℃
CN706R
2.63V
Low
Yes
-40℃--85℃
CN708R
2.63V
Low and High
No
-40℃--85℃
CN813R
(CN706P)
2.63V
High
Yes
-40℃--85℃
Note: Please contact our sales office for other reset threshold from 2.6V to 5.0V
Rev.1
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com