Electronic Components Datasheet Search
  English  ▼

X  

CN708 Datasheet(PDF) 1 Page - Shanghai Consonance Electronics Incorporated

Part # CN708
Description  Low Power Microprocessor Supervisory Circuits
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONSONANCE [Shanghai Consonance Electronics Incorporated]
Direct Link  http://www.consonance-elec.com/
Logo CONSONANCE - Shanghai Consonance Electronics Incorporated

CN708 Datasheet(HTML) 1 Page - Shanghai Consonance Electronics Incorporated

  CN708 Datasheet HTML 1Page - Shanghai Consonance Electronics Incorporated CN708 Datasheet HTML 2Page - Shanghai Consonance Electronics Incorporated CN708 Datasheet HTML 3Page - Shanghai Consonance Electronics Incorporated CN708 Datasheet HTML 4Page - Shanghai Consonance Electronics Incorporated CN708 Datasheet HTML 5Page - Shanghai Consonance Electronics Incorporated CN708 Datasheet HTML 6Page - Shanghai Consonance Electronics Incorporated CN708 Datasheet HTML 7Page - Shanghai Consonance Electronics Incorporated CN708 Datasheet HTML 8Page - Shanghai Consonance Electronics Incorporated CN708 Datasheet HTML 9Page - Shanghai Consonance Electronics Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
CONSONANCE
Low Power Microprocessor Supervisory Circuits
CN705
/706/707/708/813
Description:
CN705/706/707/708/813 series is a family of
microprocessor (uP) supervisory circuit that
monitors microprocessor’s supply voltage and
battery
voltage.
CN705/706/707/708/813
series integrates uP reset circuit with 200ms
delay, Watchdog, manual reset circuit and a
power fail comparator with 1.22V threshold.
These devices reduce system complexity,
hence improve system reliability.
CN705/706/707/708/813 series has several
functional options. Each device
generates
a reset signal when VCC is lower than reset
threshold. In addition, CN705, CN706 and
CN813 have a watchdog timer whose timeout
period is 1.6s. CN707 and CN708 provide
both active low and active high reset signals,
but have no watchdog function. CN813 are
same as CN705/706 except active high reset is
provided instead of active low.
CN705/706/707/708/813 series is ideal for
applications in automotive systems, computers,
controllers and intelligent instruments. All
devices are available in 8 pin DIP and 8 pin
SOP package.
Applications:
Computers
Controllers
Intelligent instruments
Automotive systems
Features:
Guaranteed
reset
valid
at
VCC=1.15V
Reset threshold can be from 2.6V to
5.0V with 0.1V step.
Low operating current: 52uA @5V
Reset pulse width: 200ms
Independent watchdog timer, 1.6s
timeout(CN705/706/813)
Voltage monitor for power fail or
low battery warning
Pin-to-pin compatible with industry
standard 705/706/707/708/813
Available in DIP8 and SOP8
Pin Assignment:
PFO
WDI
VCC
PFI
MR
GND
CN705
CN706
CN813
1
2
3
4
5
6
7
8 WDO
RESET
(RESET)
PFO
NC
VCC
PFI
MR
GND
CN707
CN708
1
2
3
45
6
7
8 RESET
RESET
Rev.1
1


Similar Part No. - CN708

ManufacturerPart #DatasheetDescription
logo
Omega Engineering, Inc.
CN7-485-USB-1 OMEGA-CN7-485-USB-1 Datasheet
186Kb / 1P
1⁄4 DIN Temperature Controllers
logo
Synaptics Incorporated.
CN7221 CONEXANT-CN7221 Datasheet
238Kb / 18P
Home Networking Physical Layer Device with Integrated Analog Front End Circuitry
logo
Omega Engineering, Inc.
CN730 OMEGA-CN730 Datasheet
186Kb / 1P
1⁄4 DIN Temperature Controllers
CN732 OMEGA-CN732 Datasheet
186Kb / 1P
1⁄4 DIN Temperature Controllers
CN733 OMEGA-CN733 Datasheet
186Kb / 1P
1⁄4 DIN Temperature Controllers
More results

Similar Description - CN708

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP705 SIPEX-SP705 Datasheet
197Kb / 18P
Low Power Microprocessor Supervisory Circuits
SP705 SIPEX-SP705 Datasheet
197Kb / 18P
Low Power Microprocessor Supervisory Circuits
SP705 SIPEX-SP705_06 Datasheet
429Kb / 18P
Low Power Microprocessor Supervisory Circuits
logo
Exar Corporation
SP705 EXAR-SP705 Datasheet
1Mb / 18P
Low Power Microprocessor Supervisory Circuits
logo
Analog Devices
ADM707ARZ AD-ADM707ARZ Datasheet
338Kb / 12P
Low Cost Microprocessor Supervisory Circuits
Rev. G
ADM708ARZ AD-ADM708ARZ Datasheet
338Kb / 12P
Low Cost Microprocessor Supervisory Circuits
Rev. G
logo
Sipex Corporation
SP706REN-L SIPEX-SP706REN-L Datasheet
201Kb / 18P
Low Power Microprocessor Supervisory Circuits
SP707EN-L SIPEX-SP707EN-L Datasheet
201Kb / 18P
Low Power Microprocessor Supervisory Circuits
logo
Exar Corporation
SP813LCN-L EXAR-SP813LCN-L Datasheet
1Mb / 17P
Low Power Microprocessor Supervisory Circuits
SP690A EXAR-SP690A Datasheet
406Kb / 16P
Low Power Microprocessor Supervisory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com