Electronic Components Datasheet Search
  English  ▼

X  

CN708 Datasheet(PDF) 11 Page - Shanghai Consonance Electronics Incorporated

Part # CN708
Description  Low Power Microprocessor Supervisory Circuits
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONSONANCE [Shanghai Consonance Electronics Incorporated]
Direct Link  http://www.consonance-elec.com/
Logo CONSONANCE - Shanghai Consonance Electronics Incorporated

CN708 Datasheet(HTML) 11 Page - Shanghai Consonance Electronics Incorporated

Back Button CN708 Datasheet HTML 6Page - Shanghai Consonance Electronics Incorporated CN708 Datasheet HTML 7Page - Shanghai Consonance Electronics Incorporated CN708 Datasheet HTML 8Page - Shanghai Consonance Electronics Incorporated CN708 Datasheet HTML 9Page - Shanghai Consonance Electronics Incorporated CN708 Datasheet HTML 10Page - Shanghai Consonance Electronics Incorporated CN708 Datasheet HTML 11Page - Shanghai Consonance Electronics Incorporated CN708 Datasheet HTML 12Page - Shanghai Consonance Electronics Incorporated CN708 Datasheet HTML 13Page - Shanghai Consonance Electronics Incorporated CN708 Datasheet HTML 14Page - Shanghai Consonance Electronics Incorporated  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
CONSONANCE
the line being monitored. RESET can be asserted on the other voltage in addition to VCC line by
connecting PFO pin to MR pin, in this case, a RESET pulse will be initiated when PFI drops below 1.22V.
Figure 7 shows CN705/706/707/708 series configured to assert RESET when VCC falls below reset
threshold, or when +12V power supply falls below 10V.
RESET
CN705/6/7/8
Figure 7 Monitoring Both +5V and +12V
MR
+12V
+5V
1M
139K
PFI
VCC
PFO
To uP
Monitoring a Negative Voltage
The power fail comparator can also monitor a negative supply rail as shown in Figure 8. When the negative
rail is good (A negative voltage of large magnitude), PFO is low, and when the negative rail is degraded(A
negative voltage of less magnitude), PFO is high. By adding the resistors and transistor as shown, a high
PFO triggers a RESET pulse. As long as PFO remains high, the CN705/706/707/708/813 series will keep
RESET asserted. Note that the circuit’s accuracy depends on the PFI threshold tolerance, the VCC line and
the resistors.
RESET
CN705/6/7/8
Figure 8 Monitoring A Negative Voltage
MR
+5V
R2
PFI
VCC
PFO
To uP
R1
100K
100K
GND
V-
9011
Interfacing to uPs with Bidirectional Reset Pins
uPs with bi-directional reset pins, such as the MOTOROLA 68HC11 series, can contend with
CN705/706/707/708/813 series RESET output. For example, if the RESET output is driven high and uP
wants to pull it low, indeterminate logic levels may result. To correct this, connect a 4.7KΩ resistor
Rev.1
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com