Electronic Components Datasheet Search
  English  ▼

X  

CN708 Datasheet(PDF) 7 Page - Shanghai Consonance Electronics Incorporated

Part # CN708
Description  Low Power Microprocessor Supervisory Circuits
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONSONANCE [Shanghai Consonance Electronics Incorporated]
Direct Link  http://www.consonance-elec.com/
Logo CONSONANCE - Shanghai Consonance Electronics Incorporated

CN708 Datasheet(HTML) 7 Page - Shanghai Consonance Electronics Incorporated

Back Button CN708 Datasheet HTML 3Page - Shanghai Consonance Electronics Incorporated CN708 Datasheet HTML 4Page - Shanghai Consonance Electronics Incorporated CN708 Datasheet HTML 5Page - Shanghai Consonance Electronics Incorporated CN708 Datasheet HTML 6Page - Shanghai Consonance Electronics Incorporated CN708 Datasheet HTML 7Page - Shanghai Consonance Electronics Incorporated CN708 Datasheet HTML 8Page - Shanghai Consonance Electronics Incorporated CN708 Datasheet HTML 9Page - Shanghai Consonance Electronics Incorporated CN708 Datasheet HTML 10Page - Shanghai Consonance Electronics Incorporated CN708 Datasheet HTML 11Page - Shanghai Consonance Electronics Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
CONSONANCE
Electrical Characteristics (Continued)
Parameters
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
WDI
Pull
up
Resistance
VCC>VRES
125
250
500
KΩ
WDI Pull down
Resistance
VCC>VRES
88
175
350
KΩ
VOH2
ISOURCE=800uA
VCC-1.2
WDO
Output
Voltage
VOL2
ISINK=3.2mA
0.3
V
VCC=5V
100
250
600
VCC=4V
60
152
360
uA
VCC=3V
32
75
180
MR
Pull
up
Current
MR=0V
VCC=2.5V
20
44
105
VCC=5V
150
MR Pulse Width
TMR
VCC<4.5V
500
ns
Low
0.8
VCC=5V
High
2.0
Low
0.16VCC
MR
Input
Threshold
VCC<4.5V
High
0.65VCC
V
VCC=5V
250
MR’s
Delay to
RESET
tMD
VCC<4.5V
750
ns
PFI
Input
Threshold
VPFI
1.184
1.22
1.256
V
PFI Input Current
IPFI
0
nA
VOH3
ISOURCE=800uA
VCC-1.2
PFO
Output
Voltage
VOL3
ISINK=3.2mA
0.3
V
Note :
Parts are 100% production tested at 25
oC. Specifications over full temperature range are
guaranteed by 6-sigma statistical process control and by design
Rev.1
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com