Electronic Components Datasheet Search
  English  ▼

X  

CN708 Datasheet(PDF) 5 Page - Shanghai Consonance Electronics Incorporated

Part # CN708
Description  Low Power Microprocessor Supervisory Circuits
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONSONANCE [Shanghai Consonance Electronics Incorporated]
Direct Link  http://www.consonance-elec.com/
Logo CONSONANCE - Shanghai Consonance Electronics Incorporated

CN708 Datasheet(HTML) 5 Page - Shanghai Consonance Electronics Incorporated

  CN708 Datasheet HTML 1Page - Shanghai Consonance Electronics Incorporated CN708 Datasheet HTML 2Page - Shanghai Consonance Electronics Incorporated CN708 Datasheet HTML 3Page - Shanghai Consonance Electronics Incorporated CN708 Datasheet HTML 4Page - Shanghai Consonance Electronics Incorporated CN708 Datasheet HTML 5Page - Shanghai Consonance Electronics Incorporated CN708 Datasheet HTML 6Page - Shanghai Consonance Electronics Incorporated CN708 Datasheet HTML 7Page - Shanghai Consonance Electronics Incorporated CN708 Datasheet HTML 8Page - Shanghai Consonance Electronics Incorporated CN708 Datasheet HTML 9Page - Shanghai Consonance Electronics Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
CONSONANCE
Pin Description:
Pin No.
CN705
CN706X
CN707
CN708X
CN813X
CN706P
Name
Function Description
1
1
1
MR
Manual reset input. When voltage at
is
pulled low, a reset pulse will be triggered. The
active low input has a pull up current. It can be
driven by TTL or CMOS logic as well as
shorted to GND with a switch.
2
2
2
VCC
Positive supply input
3
3
3
GND
Negative supply input
4
4
4
PFI
Power fail monitor input. When the voltage at
PFI is below 1.22V,PFO goes low . Connect
PFI to GND or VCC when not used.
5
5
5
PFO
Power fail monitor output. When the voltage at
PFI is less than 1.22V, PFO goes low; otherwise
PFO goes high.
6
6
WDI
Watchdog input. If WDI remains high or low
for 1.6s, the on chip watchdog timer runs out
and
WDO
goes
low.
Floating
WDI
or
connecting WDI to high impedance three state
buffer
disables
watchdog
function.
The
watchdog timer clears whenever RESET
is
asserted, or WDI is three stated, or WDI sees a
rising or falling edge.
7
7
RESET
Active low reset output.
stays in low
if VCC is lower than reset threshold; it remains
in low for 200ms after VCC becomes higher
than reset threshold or
goes from low to
high.(Figure 5)
8
8
WDO
Watchdog output. WDO goes low if watchdog
timer finishes its 1.6s count, and will not go
high again until the watchdog timer is cleared.
Whenever VCC is below reset threshold, WDO
stays low, and as soon as VCC rises above reset
threshold, WDO goes high without delay.
8
7
RESET
Active high reset output. RESET
stays in high
if VCC is lower than reset threshold; it remains
in high for 200ms after VCC becomes higher
than reset threshold or
goes from low to
high.(Figure 5)
Rev.1
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com