Electronic Components Datasheet Search
  English  ▼

X  

CN708 Datasheet(PDF) 8 Page - Shanghai Consonance Electronics Incorporated

Part # CN708
Description  Low Power Microprocessor Supervisory Circuits
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONSONANCE [Shanghai Consonance Electronics Incorporated]
Direct Link  http://www.consonance-elec.com/
Logo CONSONANCE - Shanghai Consonance Electronics Incorporated

CN708 Datasheet(HTML) 8 Page - Shanghai Consonance Electronics Incorporated

Back Button CN708 Datasheet HTML 4Page - Shanghai Consonance Electronics Incorporated CN708 Datasheet HTML 5Page - Shanghai Consonance Electronics Incorporated CN708 Datasheet HTML 6Page - Shanghai Consonance Electronics Incorporated CN708 Datasheet HTML 7Page - Shanghai Consonance Electronics Incorporated CN708 Datasheet HTML 8Page - Shanghai Consonance Electronics Incorporated CN708 Datasheet HTML 9Page - Shanghai Consonance Electronics Incorporated CN708 Datasheet HTML 10Page - Shanghai Consonance Electronics Incorporated CN708 Datasheet HTML 11Page - Shanghai Consonance Electronics Incorporated CN708 Datasheet HTML 12Page - Shanghai Consonance Electronics Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
CONSONANCE
Typical Operating Characteristics
CN706 Operating Current
vs. Temperature
CN706 Operating Current
vs. Operating Voltage
-40
0
-20
20
30
100
40
60
80
40
35
45
60
65
50
55
Temperature
Operating Voltage(V)
45
40
55
50
35
25
30
5
4.5
45.5
20
3.5
2.5
3
2
+1.30V
+1.20V
PFI
OV
PFO
PFI
+5V
PFO
300pF
1K
+1.22V
+
-
300pF
+1.22V
PFI
-
+
+5V
1K
PFO
5V
PFO
+1.30V
PFI
OV
+1.20V
Power-fail
Comparator
assertion Response Time
Power-fail
Comparator
De-assertion Response Time
5V
200ns/div
400ns/div
VCC=5V
Detailed Description:
CN705/706/707/708/813 series is a microprocessor supervisory circuit that monitors the power supply to
digital circuits such as microprocessor, controller and memory . These devices assert reset during power up,
power down or brownout condition to prevent code execution errors.
RESET output
On power up, once VCC reaches 1.15V, CN705/706/707/708/813 series output a reset signal . As VCC
increases, the reset signal stays valid; When VCC rises above reset threshold, an internal timer releases
RESET (
) after 200ms. RESET (
) becomes valid once VCC dips below reset threshold
during power down or in brownout condition. If brownout occurs in the middle of a previously initiated
Rev.1
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com