Electronic Components Datasheet Search
  English  ▼

X  

CN708 Datasheet(PDF) 6 Page - Shanghai Consonance Electronics Incorporated

Part # CN708
Description  Low Power Microprocessor Supervisory Circuits
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONSONANCE [Shanghai Consonance Electronics Incorporated]
Direct Link  http://www.consonance-elec.com/
Logo CONSONANCE - Shanghai Consonance Electronics Incorporated

CN708 Datasheet(HTML) 6 Page - Shanghai Consonance Electronics Incorporated

Back Button CN708 Datasheet HTML 2Page - Shanghai Consonance Electronics Incorporated CN708 Datasheet HTML 3Page - Shanghai Consonance Electronics Incorporated CN708 Datasheet HTML 4Page - Shanghai Consonance Electronics Incorporated CN708 Datasheet HTML 5Page - Shanghai Consonance Electronics Incorporated CN708 Datasheet HTML 6Page - Shanghai Consonance Electronics Incorporated CN708 Datasheet HTML 7Page - Shanghai Consonance Electronics Incorporated CN708 Datasheet HTML 8Page - Shanghai Consonance Electronics Incorporated CN708 Datasheet HTML 9Page - Shanghai Consonance Electronics Incorporated CN708 Datasheet HTML 10Page - Shanghai Consonance Electronics Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
CONSONANCE
Absolute Maximum Ratings:
Terminal Voltage(With respect to GND):
Thermal Resistance (DIP8)………120℃/W
VCC…………………………-0.3V to 6.0V
Power Dissipation (SOP8)………190℃/W
Other Inputs ……….………..-0.3V to 6.0V
Maximum Junction Temperature…...150℃
Terminal Current
Operating Temperature…...-40℃ to 85℃
VCC………………………….20mA
Storage Temperature….....-65℃ to 150℃
GND…………………………20mA
Lead Temperature(Soldering)……..300℃
All Input Pins………………..20mA
ESD Rating(HBM)………………….2KV
All Output Pins………………20mA
Stresses beyond those listed under ‘Absolute Maximum Ratings’ may cause permanent damage to the device. These are stress
ratings only and functional operation of the device at these or any other conditions above those indicated in the operational
sections of
the specifications is not implied. Exposure to Absolute Maximum Rating Conditions for extended periods may
affect device reliability.
Electrical Characteristics
(VCC=5V, TA=-40℃ to 85℃, Typical values are measured at TA=25℃,unless otherwise noted)
Parameters
Symbol
Test Conditions
Min
Typ
Max
Unit
Operating
Voltage
Range
VCC
1.15
5.5
V
CN705/706X/813X
52
105
Supply Current
IVCC
CN707/708X
30
60
uA
CN705/707/813L
4.5
4.65
4.75
CN706/708/813M
4.25
4.4
4.5
CN706J/708J/813J
3.9
4.0
4.1
CN706T/708T/813T
3.0
3.08
3.15
CN706S/708S/813S
2.85
2.93
3.0
Reset Threshold
VRES
CN706P/706R/708R/813R
2.55
2.63
2.70
V
Reset
Threshold
Hysteresis
HVRES
0.01VRES
V
Reset Pulse Width
tRES
140
200
280
ms
VOH1
ISOURCE=800uA
ISOURCE=8uA,VCC=1.2V
VCC-1.2
1.0
V
or RESET
Output Voltage
VOL1
ISINK=3.2mA
ISINK=150uA,VCC=1.2V
0.3
0.3
V
Watchdog
timeout
period
tWD
1
1.6
2.25
s
VCC=5V
50
WDI Pulse Width
tWP
VCC<4.5V
120
ns
Low
0.16VCC
VCC=5V
3.5
WDI
Input
Threshold
High
VCC<4.5V
0.75VCC
V
Rev.1
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com