Electronic Components Datasheet Search
  English  ▼

X  

CN708 Datasheet(PDF) 10 Page - Shanghai Consonance Electronics Incorporated

Part # CN708
Description  Low Power Microprocessor Supervisory Circuits
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONSONANCE [Shanghai Consonance Electronics Incorporated]
Direct Link  http://www.consonance-elec.com/
Logo CONSONANCE - Shanghai Consonance Electronics Incorporated

CN708 Datasheet(HTML) 10 Page - Shanghai Consonance Electronics Incorporated

Back Button CN708 Datasheet HTML 6Page - Shanghai Consonance Electronics Incorporated CN708 Datasheet HTML 7Page - Shanghai Consonance Electronics Incorporated CN708 Datasheet HTML 8Page - Shanghai Consonance Electronics Incorporated CN708 Datasheet HTML 9Page - Shanghai Consonance Electronics Incorporated CN708 Datasheet HTML 10Page - Shanghai Consonance Electronics Incorporated CN708 Datasheet HTML 11Page - Shanghai Consonance Electronics Incorporated CN708 Datasheet HTML 12Page - Shanghai Consonance Electronics Incorporated CN708 Datasheet HTML 13Page - Shanghai Consonance Electronics Incorporated CN708 Datasheet HTML 14Page - Shanghai Consonance Electronics Incorporated  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
CONSONANCE
Figure 5 RESET,MR and WDO timing with WDI floating
VRES
VRES
tRES
tRES
tMD
VCC
RESET
MR
WDO
Note: Active high RESET is the inverse of the RESET shown
Application Information
Ensuring a Valid
Output Down to VCC=0V
When VCC falls below 1.15V, the CN705/706/707/708 series
output no longer sinks current, it
becomes an open circuit, hence
output is at undetermined voltage. If a pull-down resistor is
added from
pin to GND as shown in Figure 6, then
output will be held at low state.
The resistor’s value is not critical. it should be about 100KΩ, large enough not to load
, small
enough to pull RESET to ground.
RESET
CN705/6/7/8
Figure 6 RESET Valid to Ground Circuit
Monitoring voltages other than the unregulated DC Input
You can monitor voltages other than the unregulated DC by connecting a voltage divider to PFI and
adjusting the ratio appropriately. If required, add a hysteresis by connecting a resistor (with a value
approximately 10 times the sum of 2 resistors in voltage divider network) between PFI and PFO. A
capacitor between PFI and GND will reduce the power fail circuit’s sensitivity to high-frequency noise on
Rev.1
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com