Electronic Components Datasheet Search
  English  ▼

X  

CN708 Datasheet(PDF) 9 Page - Shanghai Consonance Electronics Incorporated

Part # CN708
Description  Low Power Microprocessor Supervisory Circuits
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONSONANCE [Shanghai Consonance Electronics Incorporated]
Direct Link  http://www.consonance-elec.com/
Logo CONSONANCE - Shanghai Consonance Electronics Incorporated

CN708 Datasheet(HTML) 9 Page - Shanghai Consonance Electronics Incorporated

Back Button CN708 Datasheet HTML 5Page - Shanghai Consonance Electronics Incorporated CN708 Datasheet HTML 6Page - Shanghai Consonance Electronics Incorporated CN708 Datasheet HTML 7Page - Shanghai Consonance Electronics Incorporated CN708 Datasheet HTML 8Page - Shanghai Consonance Electronics Incorporated CN708 Datasheet HTML 9Page - Shanghai Consonance Electronics Incorporated CN708 Datasheet HTML 10Page - Shanghai Consonance Electronics Incorporated CN708 Datasheet HTML 11Page - Shanghai Consonance Electronics Incorporated CN708 Datasheet HTML 12Page - Shanghai Consonance Electronics Incorporated CN708 Datasheet HTML 13Page - Shanghai Consonance Electronics Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
CONSONANCE
reset pulse, the pulse will continue for at least another 140ms. On power down , once VCC falls below reset
threshold, RESET stays valid
and is guaranteed in the correct logic state
until VCC drops below 1.15V
for the whole temperature range. Please refer to Figure 5.
CN705/706 series provide
active low
signal;CN707/708
series provide both active high and
active low RESET signals;CN813 series provide active high RESET signal.
Watchdog Timer
CN705/706/813 series have an independent watchdog timer that can monitor uP’s
activity. If uP does not
toggle the watchdog input (WDI) within 1.6s and WDI is not three-stated, WDO goes low.
As
long as
RESET is asserted, or WDI is three-stated, or WDI is left floating, the watchdog timer stays cleared and
will not count, in this case WDO is in high state. When VCC stays below reset threshold, WDO goes low
whether or not the watchdog timer has timed out yet. Please refer to figure 4.
Manual Reset
Manual reset input allows reset signal to be triggered by push button or switch. The push button or switch
is effectively debounced by 140ms minimum reset pulse width.
is TTL/CMOS logic compatible.
can be used to force a watchdog timeout to generate a reset pulse in CN705/706/813 series by connecting
WDO to
Please refer to Figure 5.
Power fail Comparator
The power fail comparator can be used for various purpose because its output and noninverting input are
not internally connected. The inverting input is internally connected to a 1.22V reference voltage.
WDI
WDO
RESET
RESET
Note 1: RESET (RESET) is triggered by MR
Note 2: RESET is for CN813X and CN706P only
Figure 4 Watchdog Timing
tWD
tWD
tWD
tRES
Rev.1
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com