Electronic Components Datasheet Search
  English  ▼

X  

VSC8140 Datasheet(PDF) 1 Page - Vitesse Semiconductor Corporation

Part # VSC8140
Description  2.48832Gb/s 16:1 SONET/SDH Transceiver with Integrated Clock Generator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC8140 Datasheet(HTML) 1 Page - Vitesse Semiconductor Corporation

  VSC8140 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC8140 Datasheet HTML 2Page - Vitesse Semiconductor Corporation VSC8140 Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC8140 Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC8140 Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC8140 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC8140 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC8140 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC8140 Datasheet HTML 9Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
© VITESSE SEMICONDUCTOR CORPORATION
Page 1
9/6/00
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
VITESSE
SEMICONDUCTOR CORPORATION
Data Sheet
VSC8140
2.48832Gb/s 16:1 SONET/SDH
Transceiver with Integrated Clock Generator
G52251-0, Rev. 4.0
Features
General Description
The VSC8140 is a SONET/SDH compatible transceiver with integrated clock generator for use in SONET/
SDH systems operating at a 2.48832Gb/s data rate. The internal clock generator uses a Phase-Locked Loop
(PLL) to multiply either a 77.76MHz or 155.52MHz reference clock in order to provide the 2.48832GHz clock
for internal logic and output retiming. The 16-bit parallel interface incorporates an on-board FIFO eliminating
loop timing design issues by providing a flexible parallel timing architecture. In addition, the device provides
both facility and equipment loopback modes and two loop timing modes. The VSC8140 operates using a 3.3V
power supply, and is available in either a thermally-enhanced 128-PQFP or a thermally-enhanced 208-pin
TBGA package.
VSC8140 Block Diagram
• 2.48832Gb/s 16-Bit Transceiver
• Targeted for SONET OC-48 / SDH STM-16
Applications
• LVPECL Low-Speed Interface
• On-chip PLL-Based Clock Generator
• High-Speed Clock Output With Power-Down
Option
• Supports Parity at the 16-Bit Parallel Transmit
and Receive Interfaces
• Provides Equipment, Facilities and Split Loop-
back Modes as well as Loop Timing Modes
• Loss of Signal (LOS) Detect input
• Meets Bellcore Jitter Performance Specifications
• Single +3.3V Supply
• 2.25 Watts Typical Power Dissipation
• Packages: 128-pin PQFP or 208-pin TBGA
RXOUT15
TXIN15
RXOUT0
RXPARITYOUT
RXCLK16O+
RXCLK16O-
RXCLKIN+
RXCLKIN-
RXCLKO16_32+
RXCLKO16_32-
Divide by
2
TXIN0
TXPARITYIN
TXCLK16O+
TXCLK16O-
TXOUT+
TXOUT-
Divide by
16
REFCLK+
REFCLK-
2.48832GHz
PLL
TXCLK16I+
TXCLK16I-
Q D
FACLOOP
LOOPTIM0
FIFO
CNTRL
FIFORESET
Divide by
16
EQULOOP
D Q
RXIN+
RXIN-
TXCLKOUT+
TXCLKOUT-
LPTIMCLK+
LPTIMCLK-
Write
Pointer
Read
Pointer
PARERR
LOS
POL
OVERFLOW
VREFOUT
voltage
gen.
REF_FREQSEL
LOOPTIM1
PARMODE
RXCLKO_FREQSEL
VREFIN
CLK128O+
CLK128O-
Divide
by 128


Similar Part No. - VSC8140

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC8141 VITESSE-VSC8141 Datasheet
13Kb / 1P
Multi-Rate 16:1 SONET/SDH Transceiver with Integrated Clock Generator
VSC8141QR VITESSE-VSC8141QR Datasheet
13Kb / 1P
Multi-Rate 16:1 SONET/SDH Transceiver with Integrated Clock Generator
VSC8141TW VITESSE-VSC8141TW Datasheet
13Kb / 1P
Multi-Rate 16:1 SONET/SDH Transceiver with Integrated Clock Generator
VSC8142 VITESSE-VSC8142 Datasheet
540Kb / 2P
2.5G Multi-rate SONET/SDH Transceiver Family
VSC8144 VITESSE-VSC8144 Datasheet
17Kb / 1P
2.488Gb/s 4:1 SONET/SDH Transceiver with Integrated Clock Generator
More results

Similar Description - VSC8140

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC8121 VITESSE-VSC8121 Datasheet
176Kb / 18P
2.488GHz SONET/SDH Clock Generator
VSC8114 VITESSE-VSC8114 Datasheet
434Kb / 24P
ATM/SONET/SDH 622 Mb/s Transceiver Mux/Demux with Integrated Clock Generation and Clock Recovery
VSC8116 VITESSE-VSC8116 Datasheet
358Kb / 20P
ATM/SONET/SDH 622/155Mb/s Transceiver Mux/Demux with Integrated Clock Generation
VSC8163 VITESSE-VSC8163 Datasheet
191Kb / 20P
OC-48 16:1 SONET/SDH MUX with Clock Generator
logo
Maxim Integrated Produc...
MAX3881 MAXIM-MAX3881 Datasheet
193Kb / 11P
3.3V, 2.488Gbps, SDH/SONET 1:16 Deserializer with Clock Recovery
Rev 1; 12/01
logo
Vitesse Semiconductor C...
VSC8131 VITESSE-VSC8131 Datasheet
149Kb / 16P
2.488 Gbit/sec 32:1 SONET/SDH Mux with Clock Generator
VSC8144 VITESSE-VSC8144 Datasheet
17Kb / 1P
2.488Gb/s 4:1 SONET/SDH Transceiver with Integrated Clock Generator
VSC8169 VITESSE-VSC8169 Datasheet
185Kb / 18P
OC-48 (FEC) 16:1 SONET/SDH MUX with Clock Generator
VSC8141 VITESSE-VSC8141 Datasheet
13Kb / 1P
Multi-Rate 16:1 SONET/SDH Transceiver with Integrated Clock Generator
VSC8111 VITESSE-VSC8111 Datasheet
139Kb / 26P
ATM/SONET/SDH 155/622 Mb/s Transceiver Mux/Demux with Integrated Clock Generation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com