Electronic Components Datasheet Search
  English  ▼

X  

VSC8140 Datasheet(PDF) 19 Page - Vitesse Semiconductor Corporation

Part # VSC8140
Description  2.48832Gb/s 16:1 SONET/SDH Transceiver with Integrated Clock Generator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC8140 Datasheet(HTML) 19 Page - Vitesse Semiconductor Corporation

Back Button VSC8140 Datasheet HTML 15Page - Vitesse Semiconductor Corporation VSC8140 Datasheet HTML 16Page - Vitesse Semiconductor Corporation VSC8140 Datasheet HTML 17Page - Vitesse Semiconductor Corporation VSC8140 Datasheet HTML 18Page - Vitesse Semiconductor Corporation VSC8140 Datasheet HTML 19Page - Vitesse Semiconductor Corporation VSC8140 Datasheet HTML 20Page - Vitesse Semiconductor Corporation VSC8140 Datasheet HTML 21Page - Vitesse Semiconductor Corporation VSC8140 Datasheet HTML 22Page - Vitesse Semiconductor Corporation VSC8140 Datasheet HTML 23Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 34 page
background image
© VITESSE SEMICONDUCTOR CORPORATION
Page 19
9/6/00
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
VITESSE
SEMICONDUCTOR CORPORATION
Data Sheet
VSC8140
2.48832Gb/s 16:1 SONET/SDH
Transceiver with Integrated Clock Generator
G52251-0, Rev. 4.0
Package Pin Descriptions
Table 4: Package Pin Identification - 128 PQFP
Pin #
Name
I/O
Level
Description
1
OVERFLOW
O
TTL
FIFO overflow indication
2VEET
—
GND typ.
TTL VEE power supply
3
VCCT
—
+3.3V typ.
TTL VCC power supply
4
VEE
—
GND typ.
Negative power supply
5
HSDREF
I
0V->3.3V
High-speed data input termination voltage reference
6
VEE
—
GND typ.
Negative power supply
7
RXIN+
I
HS
High-speed data input, true
8
RXIN-
I
HS
High-speed data input, complement
9
VCC
—
3.3V typ.
Positive power supply
10
VEE
—
GND typ.
Negative power supply
11
VEE
—
GND typ.
Negative power supply
12
VCC
—
3.3V typ.
Positive power supply
13
RXCLKIN-
I
HS
High-speed clock input, complement
14
HSCLKREF
I
0V->3.3V
High-speed clock input termination voltage reference
15
RXCLKIN+
I
HS
High-speed clock Input, true
16
VCC
—
3.3V typ.
Positive power supply
17
NC
—
—
No connect, leave unconnected(1)
18
VCC
—
3.3V typ.
Positive power supply
19
VCC
—
3.3V typ.
Positive power supply
20
TXOUT+
O
HS
High-speed data output, true
21
TXOUT-
O
HS
High-speed data output, complement
22
VCC
—
3.3V typ.
Positive power supply
23
VEE
—
GND typ.
Negative power supply
24
VEE
—
GND typ.
Negative power supply
25
VEE
—
GND typ.
Negative power supply
26
VCC
—
3.3V typ.
Positive power supply
27
VCC
—
3.3V typ.
Positive power supply
28
TXCLKOUT+
O
HS
High-speed clock output, true
29
TXCLKOUT-
O
HS
High-speed clock output, complement
30
VCC
—
3.3V typ.
Positive power supply
31
VEEP_CLK
—
GND typ.
HS clock VEE power supply (tie to VCC for power down)
32
VEEP_CLK
—
GND typ.
HS clock VEE power supply (tie to VCC for power down)
33
VEE_PWRDN
I
GND typ.
HS clock VEE power supply (tie to VCC for power down)
34
VCC
—
3.3V typ.
Positive power supply
35
VCC
—
3.3V typ.
Positive power supply
36
VCC
—
3.3V typ.
Positive power supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com