Electronic Components Datasheet Search
  English  ▼

X  

VSC8140 Datasheet(PDF) 3 Page - Vitesse Semiconductor Corporation

Part # VSC8140
Description  2.48832Gb/s 16:1 SONET/SDH Transceiver with Integrated Clock Generator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC8140 Datasheet(HTML) 3 Page - Vitesse Semiconductor Corporation

  VSC8140 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC8140 Datasheet HTML 2Page - Vitesse Semiconductor Corporation VSC8140 Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC8140 Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC8140 Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC8140 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC8140 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC8140 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC8140 Datasheet HTML 9Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
© VITESSE SEMICONDUCTOR CORPORATION
Page 3
9/6/00
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
VITESSE
SEMICONDUCTOR CORPORATION
Data Sheet
VSC8140
2.48832Gb/s 16:1 SONET/SDH
Transceiver with Integrated Clock Generator
G52251-0, Rev. 4.0
Figure 2: Enabling FIFO Operation
Figure 3: DC Termination of Low-Speed LVPECL RXCLK16O, RXCLK16_32O, TXCLK16O Outputs
Figure 4: DC Termination of Low-Speed LVPECL RXCLK16O, RXCLK16_32O, TXCLK16O Outputs
Minimum 5 CLK16 cycles
FIFO Mode Operation
Transparent Mode Operation
Holding RESET “low” for a minimum of 5 CLK16 cycles, then setting “high” enables FIFO operation.
Holding RESET constantly “low” bypasses the FIFO for transparent mode operation.
PLL locked to reference clock.
RESET
VSC8140
Zo
R2
R2
R1
R1
VEE
VCC
VCCR2 + VEER1
R1+R2
= VTERM
downstream
R1||R2 = ZO
Zo
Split-end equivalent termination is ZO to VTERM
R1 = 125
Ω R2 = 83Ω, Z
O=50Ω, VTERM= VCC-2V
VCC-2V
R1 =50
Ω
VSC8140
Zo
VCC-2V
R1 =50
Ω
downstream



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com