Electronic Components Datasheet Search
  English  ▼

X  

VSC8140 Datasheet(PDF) 22 Page - Vitesse Semiconductor Corporation

Part # VSC8140
Description  2.48832Gb/s 16:1 SONET/SDH Transceiver with Integrated Clock Generator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC8140 Datasheet(HTML) 22 Page - Vitesse Semiconductor Corporation

Back Button VSC8140 Datasheet HTML 18Page - Vitesse Semiconductor Corporation VSC8140 Datasheet HTML 19Page - Vitesse Semiconductor Corporation VSC8140 Datasheet HTML 20Page - Vitesse Semiconductor Corporation VSC8140 Datasheet HTML 21Page - Vitesse Semiconductor Corporation VSC8140 Datasheet HTML 22Page - Vitesse Semiconductor Corporation VSC8140 Datasheet HTML 23Page - Vitesse Semiconductor Corporation VSC8140 Datasheet HTML 24Page - Vitesse Semiconductor Corporation VSC8140 Datasheet HTML 25Page - Vitesse Semiconductor Corporation VSC8140 Datasheet HTML 26Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 34 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Data Sheet
VSC8140
2.48832Gb/s 16:1 SONET/SDH
Transceiver with Integrated Clock Generator
Page 22
© VITESSE SEMICONDUCTOR CORPORATION
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
9/6/00
G52251-0, Rev. 4.0
NOTES: (1) No connect (NC) pin must be left unconnected. Connecting this pin to either the positive or negative power supply
rails may cause improper operation or failure of the device; or in extreme cases, cause permanent damage to the device.
(2) There has been a change in the naming of the pins of the Low-Speed Parallel Receive and Transmit pins of the
VSC8140. RXOUT0; pin 88 (MSB) has been changed to RXOUT15; pin 111 (MSB) and TXIN15; pin 63 (LSB) has been
changed to TXIN0; pin 83 (LSB).
109
RXOUT14
O
LVPECL
Low-speed single-ended data
110
VEE
—
GND typ.
Negative power supply
111
RXOUT15
O
LVPECL
Low-speed single-ended data (MSB)(2)
112
RXPARITYOUT
O
LVPECL
Receiver parity bit output
113
VCC
—
3.3V typ.
Positive power supply
114
RXCLK16O-
O
LVPECL
Parallel clock output (155.52MHz), complement
115
RXCLK16O+
O
LVPECL
Parallel clock output (155.52MHz), true
116
VEE
—
GND typ.
Negative power supply
117
VCC
—
3.3V typ.
Positive power supply
118
RXCLK16_32O-
O
LVPECL
Divide-by-16 or -32 clock output, complement
119
RXCLK16_32O+
O
LVPECL
Divide-by-16 or -32 clock output, true
120
CLK128O-
O
LVPECL
Divide-by-128 clock output, complement
121
CLK128O+
O
LVPECL
Divide-by-128 clock output, true
122
VCC
—
3.3V typ.
Positive power supply
123
RXCLKO_FREQSEL
I
TTL
RXCLKO16_32 frequency select
124
LOS
I
TTL
Loss of Signal control
125
POL
I
TTL
Polarity Signal Control
126
EQULOOP
I
TTL
Equipment loopback, active high
127
VCC
—
3.3V typ.
Positive power supply
128
PARERR
O
TTL
Parity error output
Table 4: Package Pin Identification - 128 PQFP
Pin #
Name
I/O
Level
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com