Electronic Components Datasheet Search
  English  ▼

X  

VSC8140 Datasheet(PDF) 33 Page - Vitesse Semiconductor Corporation

Part # VSC8140
Description  2.48832Gb/s 16:1 SONET/SDH Transceiver with Integrated Clock Generator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC8140 Datasheet(HTML) 33 Page - Vitesse Semiconductor Corporation

Back Button VSC8140 Datasheet HTML 26Page - Vitesse Semiconductor Corporation VSC8140 Datasheet HTML 27Page - Vitesse Semiconductor Corporation VSC8140 Datasheet HTML 28Page - Vitesse Semiconductor Corporation VSC8140 Datasheet HTML 29Page - Vitesse Semiconductor Corporation VSC8140 Datasheet HTML 30Page - Vitesse Semiconductor Corporation VSC8140 Datasheet HTML 31Page - Vitesse Semiconductor Corporation VSC8140 Datasheet HTML 32Page - Vitesse Semiconductor Corporation VSC8140 Datasheet HTML 33Page - Vitesse Semiconductor Corporation VSC8140 Datasheet HTML 34Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 33 / 34 page
background image
© VITESSE SEMICONDUCTOR CORPORATION
Page 33
9/6/00
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
VITESSE
SEMICONDUCTOR CORPORATION
Data Sheet
VSC8140
2.48832Gb/s 16:1 SONET/SDH
Transceiver with Integrated Clock Generator
G52251-0, Rev. 4.0
The results of this calculation are listed below:
Table 8: Maximum Ambient Air Temperature without Heatsink
Note that ambient air temperature varies throughout the system based on the positioning and magnitude of
heat sources and the direction of air flow.
Surface Mount Solderability
The make-up of each lead on the PQFP and TBGA package is 85% Tin and 15% Lead. The solderability
requirements for the various methods is described below.
Reflow Soldering
This is the suitable method of soldering for these components. When using reflow soldering to mount the
IC package, solder paste (a suspension of fine solder particles, flux, and binding agent) is required to be applied
to the printed-circuit board by screen printing, stenciling, or pressure-syringe dispensing before package place-
ment.
Throughput times (this includes preheating, soldering, and cooling) are shown in Table 9.
Table 9: Reflow Running Profile
Wave Soldering
Conventional single wave soldering is not recommended for surface mount devices or printed circuit boards
with high component density, as solder bridging and non-wetting can present problems. Double-wave soldering
can be used, only if the method comprises a turbulent wave with high upward pressure followed by a smooth
laminar wave and the footprint must incorporate solder thieves at the downstream end. The package must be
fixed with a droplet of adhesive during placement before soldering. After the adhesive is cured, the package can
be soldered.
Airflow
oC (TBGA)
oC (PQFP)
None
59
41
100 lfpm
60
52
200 lfpm
63
60
400 lfpm
66
66
Condition
TBGA
PQFP
Average ramp up (from 183oC to peak temperature)
1.553oC/sec
1.5432oC/sec
Average ramp down (from peak to 183oC)
-1.152oC/sec
-1.085oC/sec
Preheat Temperature (125oC)
77 sec
79 sec
Temperature maintained above 183oC
80 sec
80 sec
Time within 5oC of actual peak temperature
19 sec
19 sec
Peak Temperature Range
220-225oC220-225oC
Peak Temperature
224oC224oC
Time 25
oC to Peak Temperature
233 sec
228 sec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com