Electronic Components Datasheet Search
  English  ▼

X  

VSC8140 Datasheet(PDF) 21 Page - Vitesse Semiconductor Corporation

Part # VSC8140
Description  2.48832Gb/s 16:1 SONET/SDH Transceiver with Integrated Clock Generator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC8140 Datasheet(HTML) 21 Page - Vitesse Semiconductor Corporation

Back Button VSC8140 Datasheet HTML 17Page - Vitesse Semiconductor Corporation VSC8140 Datasheet HTML 18Page - Vitesse Semiconductor Corporation VSC8140 Datasheet HTML 19Page - Vitesse Semiconductor Corporation VSC8140 Datasheet HTML 20Page - Vitesse Semiconductor Corporation VSC8140 Datasheet HTML 21Page - Vitesse Semiconductor Corporation VSC8140 Datasheet HTML 22Page - Vitesse Semiconductor Corporation VSC8140 Datasheet HTML 23Page - Vitesse Semiconductor Corporation VSC8140 Datasheet HTML 24Page - Vitesse Semiconductor Corporation VSC8140 Datasheet HTML 25Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
© VITESSE SEMICONDUCTOR CORPORATION
Page 21
9/6/00
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
VITESSE
SEMICONDUCTOR CORPORATION
Data Sheet
VSC8140
2.48832Gb/s 16:1 SONET/SDH
Transceiver with Integrated Clock Generator
G52251-0, Rev. 4.0
72
VEE
—
GND typ.
Negative power supply
73
TXIN8
I
LVPECL
Low-speed single-ended data
74
TXIN7
I
LVPECL
Low-speed single-ended data
75
TXIN6
I
LVPECL
Low-speed single-ended data
76
TXIN5
I
LVPECL
Low-speed single-ended data
77
TXIN4
I
LVPECL
Low-speed single-ended data
78
VCC
—
3.3V typ.
Positive power supply
79
TXIN3
I
LVPECL
Low-speed single-ended data
80
TXIN2
I
LVPECL
Low-speed single-ended data
81
VEE
—
GND typ.
Negative power supply
82
TXIN1
I
LVPECL
Low-speed single-ended data
83
TXIN0
I
LVPECL
Low-speed single-ended data (LSB)(2)
84
VCC
—
3.3V typ.
Positive power supply
85
VREFIN
I
Voltage
Voltage reference for single-ended TXIN VCM or VREFOUT
86
VREFOUT
O
Voltage
Voltage reference for single-ended RXOUT (VOH+VOL)/2.
87
VCC
—
3.3V typ.
Positive power supply
88
RXOUT0
O
LVPECL
Low-speed single-ended data (LSB)(2)
89
RXOUT1
O
LVPECL
Low-speed single-ended data
90
VEE
—
GND typ.
Negative power supply
91
RXOUT2
O
LVPECL
Low-speed single-ended data
92
RXOUT3
O
LVPECL
Low-speed single-ended data
93
VCC
—
3.3V typ.
Positive power supply
94
RXOUT4
O
LVPECL
Low-speed single-ended data
95
RXOUT5
O
LVPECL
Low-speed single-ended data
96
VCC
—
3.3V typ.
Positive power supply
97
RXOUT6
O
LVPECL
Low-speed single-ended data
98
RXOUT7
O
LVPECL
Low-speed single-ended data
99
VEE
—
GND typ.
Negative power supply
100
RXOUT8
O
LVPECL
Low-speed single-ended data
101
RXOUT9
O
LVPECL
Low-speed single-ended data
102
VCC
—
3.3V typ.
Positive power supply
103
VCC
—
3.3V typ.
Positive power supply
104
RXOUT10
O
LVPECL
Low-speed single-ended data
105
RXOUT11
O
LVPECL
Low-speed single-ended data
106
RXOUT12
O
LVPECL
Low-speed single-ended data
107
VCC
—
3.3V typ.
Positive power supply
108
RXOUT13
O
LVPECL
Low-speed single-ended data
Table 4: Package Pin Identification - 128 PQFP
Pin #
Name
I/O
Level
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com