Electronic Components Datasheet Search
  English  ▼

X  

VSC8140 Datasheet(PDF) 2 Page - Vitesse Semiconductor Corporation

Part # VSC8140
Description  2.48832Gb/s 16:1 SONET/SDH Transceiver with Integrated Clock Generator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC8140 Datasheet(HTML) 2 Page - Vitesse Semiconductor Corporation

  VSC8140 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC8140 Datasheet HTML 2Page - Vitesse Semiconductor Corporation VSC8140 Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC8140 Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC8140 Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC8140 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC8140 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC8140 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC8140 Datasheet HTML 9Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Data Sheet
VSC8140
2.48832Gb/s 16:1 SONET/SDH
Transceiver with Integrated Clock Generator
Page 2
© VITESSE SEMICONDUCTOR CORPORATION
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
9/6/00
G52251-0, Rev. 4.0
Functional Description
Transmitter Low-Speed Interface
The Upstream Device should use the TXCLK16O as the timing source for its final output latch (see Figure
1). The Upstream Device should then generate a TXCLK16I that is phase-aligned with the data. The VSC8140
will latch TXIN[15:0]± on the rising edge of TXCLK16I+. The data must meet setup and hold times with
respect to TXCLK16I (see Table 1).
A FIFO exists within the VSC8140 to eliminate difficult system loop timing issues. Once the PLL has
locked to the reference clock, RESET must be held low for a minimum of five CLK16 cycles to initialize the
FIFO, then RESET should be set high and held constant for continuous FIFO operation. For the transparent
mode of operation (no FIFO), simply hold RESET at a constant low state (see Figure 2).
The use of a FIFO permits the system designer to tolerate an arbitrary amount of delay between
TXCLK16O and TXCLK16I. Once RESET is asserted and the FIFO initialized, the delay between TXCLK16O
and TXCLK16I can decrease or increase up to one period of the low-speed clock (6.4ns). Should this delay drift
exceed one period, the write pointer and the read pointer could point to the same word in the FIFO, resulting in
a loss of transmitted data (a FIFO overflow). In the event of a FIFO overflow, an active low OVERFLOW sig-
nal is asserted (for a minimum of five TXCLK16I cycles) which can be used to initiate a reset signal from an
external controller.
The TXCLK16O± output driver is a LVPECL output driver designed to drive a 50
Ω transmission line. The
transmission line can be DC terminated with a split-end termination scheme (see Figure 3), or DC terminated by
50
Ω to V
CC-2V on each line (see Figure 4). At any time, the equivalent split-end termination technique can be
substituted for the traditional 50
Ω to V
CC-2V on each line. AC-coupling can be achieved by a number of meth-
ods. Figure 5 illustrates an AC-coupling method for the occasion when the downstream device provides the bias
point for AC-coupling.
Figure 1: Low-Speed Systems Interface
write
16
read
16 x 5 FIFO
VSC8140
2.48832GHz
PLL
REFCLK
Div 16
TXCLK16I
TXCLK16O
OVERFLOW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com