Electronic Components Datasheet Search
  English  ▼

X  

VSC8140 Datasheet(PDF) 11 Page - Vitesse Semiconductor Corporation

Part # VSC8140
Description  2.48832Gb/s 16:1 SONET/SDH Transceiver with Integrated Clock Generator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC8140 Datasheet(HTML) 11 Page - Vitesse Semiconductor Corporation

Back Button VSC8140 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC8140 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC8140 Datasheet HTML 9Page - Vitesse Semiconductor Corporation VSC8140 Datasheet HTML 10Page - Vitesse Semiconductor Corporation VSC8140 Datasheet HTML 11Page - Vitesse Semiconductor Corporation VSC8140 Datasheet HTML 12Page - Vitesse Semiconductor Corporation VSC8140 Datasheet HTML 13Page - Vitesse Semiconductor Corporation VSC8140 Datasheet HTML 14Page - Vitesse Semiconductor Corporation VSC8140 Datasheet HTML 15Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
© VITESSE SEMICONDUCTOR CORPORATION
Page 11
9/6/00
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
VITESSE
SEMICONDUCTOR CORPORATION
Data Sheet
VSC8140
2.48832Gb/s 16:1 SONET/SDH
Transceiver with Integrated Clock Generator
G52251-0, Rev. 4.0
Figure 15: Termination of Low-Speed LVPECL TXIN[15:0] Inputs
Low-Speed Inputs
The incoming low-speed inputs are received by single-ended LVPECL inputs TXIN[15:0]. A reference
voltage is necessary to provide for optimal switching of the inputs. The user can either provide an input voltage
reference from the upstream device (VREFIN), or can use the reference voltage provided from the VSC8140
(VREFOUT). Side-by-side placement of the VREFIN and VREFOUT pins facilitates easy implementation.
For DC or AC operation, the external reference should have a nominal value equivalent to the common-
mode switch point of an LVPECL DC-coupled signal, and adhere to the DC characteristics as specified by the
Table 3 DC characteristics (VCM).
VCC = 3.3V
VEE = 0V
Chip Boundary
ZO
VREFIN
VREFOUT
CIN TYP = 100nF
for AC operation
CIN
R2
R1
VCC
VEE
R1||R2 = Zo , R1 = 83Ω R2 =125Ω
VCCR2 + VEER1
R1+R2
= VBIAS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com