Electronic Components Datasheet Search
  English  ▼

X  

VSC8140 Datasheet(PDF) 13 Page - Vitesse Semiconductor Corporation

Part # VSC8140
Description  2.48832Gb/s 16:1 SONET/SDH Transceiver with Integrated Clock Generator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC8140 Datasheet(HTML) 13 Page - Vitesse Semiconductor Corporation

Back Button VSC8140 Datasheet HTML 9Page - Vitesse Semiconductor Corporation VSC8140 Datasheet HTML 10Page - Vitesse Semiconductor Corporation VSC8140 Datasheet HTML 11Page - Vitesse Semiconductor Corporation VSC8140 Datasheet HTML 12Page - Vitesse Semiconductor Corporation VSC8140 Datasheet HTML 13Page - Vitesse Semiconductor Corporation VSC8140 Datasheet HTML 14Page - Vitesse Semiconductor Corporation VSC8140 Datasheet HTML 15Page - Vitesse Semiconductor Corporation VSC8140 Datasheet HTML 16Page - Vitesse Semiconductor Corporation VSC8140 Datasheet HTML 17Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
© VITESSE SEMICONDUCTOR CORPORATION
Page 13
9/6/00
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
VITESSE
SEMICONDUCTOR CORPORATION
Data Sheet
VSC8140
2.48832Gb/s 16:1 SONET/SDH
Transceiver with Integrated Clock Generator
G52251-0, Rev. 4.0
Supplies
The VSC8140 is specified as a PECL device with a single positive 3.3V supply. Should the user desire to
use the device in an ECL environment with a negative 3.3V supply, then VCC will be ground and VEE will be -
3.3V. If used with VEE tied to -3.3V, the TTL control signals are still referenced to VEE.
Decoupling of the power supplies is a critical element in maintaining the proper operation of the part. It is
recommended that the VCC power supply be decoupled using a 0.1µF and 0.01µF capacitor placed in parallel
on each VCC power supply pin as close to the package as possible. If room permits, a 0.001µF capacitor should
also be placed in parallel with the 0.1
µF and 0.01µF capacitors mentioned above. Recommended capacitors are
low-inductance ceramic SMT X7R devices. For the 0.1
µF capacitor, a 0603 package should be used. The
0.01
µF and 0.001µF capacitors can be either 0603 or 0403 packages.
Extra care needs to be taken when decoupling the analog power supply pins (labeled VCCANA). In order to
maintain the optimal jitter and loop bandwidth characteristics of the PLL contained in the VSC8140, the analog
power supply pins should be filtered from the main power supply with a 10
µH C-L-C pi filter. If preferred, a
ferrite bead may be used to provide the isolation. The 0.1
µF and 0.01µF decoupling capacitors are still required
and must be connected to the supply pins between the device and the C-L-C pi filter (or ferrite bead).
For low frequency decoupling, 47
µF tantalum low-inductance SMT caps are sprinkled over the board’s
main +3.3V power supply and placed close to the C-L-C pi filter.
If the device is being used in an ECL environment with a -3.3V supply, then all references to decoupling
VCC must be changed to VEE, and all references to decoupling 3.3V must be changed to -3.3V.
Figure 17: PLL Power Supply Decoupling Scheme
Note: V
CC can be tied to VCCANA
VEE
VEEANA
VCC
VCCANA
VCCANA
10
µH
0.1
µF
0.1
µF
0.01
µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com