| Electronic Components Datasheet Search |
|
MSM7630 Datasheet(PDF) 4 Page - OKI electronic componets |
|
|
|||||||||||||||||||||||||||||
MSM7630 Datasheet(HTML) 4 Page - OKI electronic componets |
|
4 / 95 page ![]() MSM7630 ¡ Semiconductor 4/95 PIN DESCRIPTIONS Description Type I/O O O O O O O O O I 16-bit data bus. 8-bit devices are accessed through D31-24. 24-bit address bus. DRAM addresses are output from A13-0. ROM select signal. ROM indicates that ROM space is assigned to the specified address. It is used as a chip select signal. SRAM select signal. SRAM indicates that SRAM space is assigned to the specified address. It is used as a chip select signal. Read signal. RD is active during both 8-bit and 16-bit reads. Write signals. WR0 corresponds to writes from D31-24, and WR1 corresponds to writes from D23-16. Row address strobe. RAS is active during both 8-bit and 16-bit reads. Write enable. WE is active during writes to DRAM space as the DRAM write signal. Address strobe. Serial data output. Serial data input. Symbol D31-16 A23-0 ROM SRAM RD WR0,1 WE AS TXD RXD O RAS Column address strobe. CAS0 corresponds to accesses from D31-24, and CAS1 corresponds to accesses from D23-16. O CAS0,1 O I Control signal indicating SIO can transmit and receive. Input signal indicating that modem is in operable state. DTR DSR O I SIO transmit request signal. Input signal indicating that modem can transmit. RTS CTS O I/O Synchronous transfer clock output. Parallel port data input/output. SCLK PD7-0 I Parallel port read signal. Set high for Centronics interface. PACK I Parallel port write signal. Strobe signal for Centronics interface. PSTB I Parallel port chip select signal. PCS I Parallel port address signal. Selects data or status during an access. PIOA 3-state Output port buffer full. Indicates that data has been set in the output buffer. POBF 3-state Input port buffer full. Indicates that there is data in the input buffer. Busy output signal for Centronics interface. PIBF O General flag output signal. UPORT I Connects with SG. TEST0 O D/A converter output. DAO1 I Signal ground. Connects with TEST0. SG I Clock input signal. CLK O Clock signal. Inverse of CLK. XO O Internal clock signal. CLKA I Reset input. RST I Standby signal. STBY suspends operation and places the MSM7630 in a standby state. STBY I External interrupt signal. EXTINT I Test mode select input signal. TSTM2,1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |