Electronic Components Datasheet Search
  English  ▼

X  

MSM7630 Datasheet(PDF) 7 Page - OKI electronic componets

Part # MSM7630
Description  Universal Speech Processor
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM7630 Datasheet(HTML) 7 Page - OKI electronic componets

Back Button MSM7630 Datasheet HTML 3Page - OKI electronic componets MSM7630 Datasheet HTML 4Page - OKI electronic componets MSM7630 Datasheet HTML 5Page - OKI electronic componets MSM7630 Datasheet HTML 6Page - OKI electronic componets MSM7630 Datasheet HTML 7Page - OKI electronic componets MSM7630 Datasheet HTML 8Page - OKI electronic componets MSM7630 Datasheet HTML 9Page - OKI electronic componets MSM7630 Datasheet HTML 10Page - OKI electronic componets MSM7630 Datasheet HTML 11Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 95 page
background image
MSM7630
¡ Semiconductor
7/95
ROM, SRAM Access
Parameter
Symbol
Condition
Unit
Min.
Typ.
Max.
(VDD = 3.0 to 3.6 V, TOPE = –40 to +85°C)
—
ROM Delay Time
tROM
—
20 + 0.5 tCYC
ns
—
—
SRAM Delay Time
tSRAM
—
20 + 0.5 tCYC
ns
—
—
RD Pulse Width
tW_RD
ROM, SRAM
3t to 12t Access
11
tCYC
2
—
WR Pulse Width
tW_WR
SRAM
3t to 12t Access
10.5
tCYC
1.5
1
A to RD Time
tW_ARD
ROM, SRAM
5t to 12t Access
—tCYC
—
ROM, SRAM
3t, 4t Access
2
—tCYC
—
1
A to WR Time
tW_AWR
SRAM
3t to 12t Access
—tCYC
—
1
WR to SRAM Time
tW_WRSRAM
SRAM
3t to 12t Access
—tCYC
—
—
ROM Pulse Width
tW_ROM
ROM
3t to 12t Access
12
tCYC
3
—
SRAM Pulse Width
tW_SRAM
SRAM
3t to 12t Access
12
tCYC
3
0
WR to D Time
tW_WRD
SRAM
4t to 12t Access
—tCYC
—
SRAM
3t Access
1
—tCYC
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com