Electronic Components Datasheet Search
  English  ▼

X  

MSM7630 Datasheet(PDF) 78 Page - OKI electronic componets

Part # MSM7630
Description  Universal Speech Processor
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM7630 Datasheet(HTML) 78 Page - OKI electronic componets

Back Button MSM7630 Datasheet HTML 74Page - OKI electronic componets MSM7630 Datasheet HTML 75Page - OKI electronic componets MSM7630 Datasheet HTML 76Page - OKI electronic componets MSM7630 Datasheet HTML 77Page - OKI electronic componets MSM7630 Datasheet HTML 78Page - OKI electronic componets MSM7630 Datasheet HTML 79Page - OKI electronic componets MSM7630 Datasheet HTML 80Page - OKI electronic componets MSM7630 Datasheet HTML 81Page - OKI electronic componets MSM7630 Datasheet HTML 82Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 95 page
background image
MSM7630
¡ Semiconductor
78/95
3.4 PSTS: PIO Status Register
This register provides the PIO status.
• bit[5] PINTI
0 : No input buffer full interrupt
1 : Input buffer full interrupt occurred
This bit will be "0" after reset.
• bit[4] PINTO
0 : No output buffer empty interrupts
1 : Output buffer empty interrupt occurred
This bit will be "0" after reset.
• bit[3] PACK
0 : No acknowledge
1 : Acknowledge
This bit will be undefined after reset.
• bit[2] POST
0 : Output buffer full
1 : Output buffer empty
This bit can only be written with "0". It will be "1" after reset.
• bit[1] PSTB
0 : No strobe
1 : Strobe
This bit will be undefined after reset.
• bit[0] PIST
0 : Input buffer empty
1 : Input buffer full
This bit can only be written with "0". It will be "0" after reset.
0
P
I
N
T
I
P
I
N
T
O
P
A
C
K
P
O
S
T
P
S
T
B
P
I
S
T
1
2
3
4
5
6
7
bit
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com