Electronic Components Datasheet Search
  English  ▼

X  

MSM7630 Datasheet(PDF) 49 Page - OKI electronic componets

Part # MSM7630
Description  Universal Speech Processor
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM7630 Datasheet(HTML) 49 Page - OKI electronic componets

Back Button MSM7630 Datasheet HTML 45Page - OKI electronic componets MSM7630 Datasheet HTML 46Page - OKI electronic componets MSM7630 Datasheet HTML 47Page - OKI electronic componets MSM7630 Datasheet HTML 48Page - OKI electronic componets MSM7630 Datasheet HTML 49Page - OKI electronic componets MSM7630 Datasheet HTML 50Page - OKI electronic componets MSM7630 Datasheet HTML 51Page - OKI electronic componets MSM7630 Datasheet HTML 52Page - OKI electronic componets MSM7630 Datasheet HTML 53Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 95 page
background image
MSM7630
¡ Semiconductor
49/95
• bit[1] H: Hold (read/write)
This bit sets whether or not bus rights will be passed upon a CPU core bus rights request. This bit
will be "0" after reset.
3.3 ECR: Extra Configuration Register
This register sets bus operation.
31
11
87 6
4
P
M
BM
30
bit
1
2
A
10 9
0
A
X
O
X
A
V
O
V
D
V
• bit[10] OX: Internal ROM (read-only)
This bit indicates whether or not internal ROM will be accessed in 2 clocks.
MSM7630 does not use this bit.
• bit[9] AX: Internal RAM (read-only)
This bit indicates whether or not internal RAM will be accessed in 2 clocks.
MSM7630 does not use this bit.
• bit[7] PM: Parity Mode (read/write)
This bit sets parity.
PM = 0
Even parity
PM = 1
Odd parity
This bit will be "0" after reset.
MSM7630 does not use parity checking, so it ignores this field.
• bit[3] A: All Internal ROM (read/write)
This bit sets whether or not internal ROM will be accessed instead of external ROM.
MSM7630 has no internal ROM, so this bit is always "0".
• bit[2] OV: Internal ROM Valid (read-only)
This bit shows whether internal ROM is enabled or disabled.
This bit is "0" for MSM7630.
• bit[1] AV: Internal RAM Valid (read-only)
This bit shows whether internal RAM is enabled or disabled.
This bit is "0" for MSM7630.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com