Electronic Components Datasheet Search
  English  ▼

X  

MSM7630 Datasheet(PDF) 77 Page - OKI electronic componets

Part # MSM7630
Description  Universal Speech Processor
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM7630 Datasheet(HTML) 77 Page - OKI electronic componets

Back Button MSM7630 Datasheet HTML 73Page - OKI electronic componets MSM7630 Datasheet HTML 74Page - OKI electronic componets MSM7630 Datasheet HTML 75Page - OKI electronic componets MSM7630 Datasheet HTML 76Page - OKI electronic componets MSM7630 Datasheet HTML 77Page - OKI electronic componets MSM7630 Datasheet HTML 78Page - OKI electronic componets MSM7630 Datasheet HTML 79Page - OKI electronic componets MSM7630 Datasheet HTML 80Page - OKI electronic componets MSM7630 Datasheet HTML 81Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 95 page
background image
MSM7630
¡ Semiconductor
77/95
• Output buffer empty interrupts
When PCMD’s POEN bit is "1", writing "0" to the POIE bit will disable output buffer empty interrupts,
and writing "1" will enable them. When the POEN bit is "0", output buffer empty interrupts will be
disabled regardless of the value of the POIE bit.
If output buffer empty interrupts are enabled, then one will be generated whenever the output buffer
is read by an external device.
To release output buffer empty interrupts, write "0" to the status register PSTS’s POST bit, to the
command register PCMD’s POIE bit, or to PCMD’s POEN bit.
3. PIO Registers
These registers control the PIO.
3.1 PIB: PIO Input Buffer
This buffer saves data input from an external device. It will be undefined after reset.
3.2 POB: PIO Output Buffer
This buffer saves data to be output to an external device. It will be undefined after reset.
3.3 PDIR: PIO Direction Register
This register specifies under software control whether each parallel port bit is input or output. It will
be "00000000" after reset.
7
bit
PIB
0
7
bit
POB
0
7
bit
PDIR
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com