Electronic Components Datasheet Search
  English  ▼

X  

MSM7630 Datasheet(PDF) 8 Page - OKI electronic componets

Part # MSM7630
Description  Universal Speech Processor
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM7630 Datasheet(HTML) 8 Page - OKI electronic componets

Back Button MSM7630 Datasheet HTML 4Page - OKI electronic componets MSM7630 Datasheet HTML 5Page - OKI electronic componets MSM7630 Datasheet HTML 6Page - OKI electronic componets MSM7630 Datasheet HTML 7Page - OKI electronic componets MSM7630 Datasheet HTML 8Page - OKI electronic componets MSM7630 Datasheet HTML 9Page - OKI electronic componets MSM7630 Datasheet HTML 10Page - OKI electronic componets MSM7630 Datasheet HTML 11Page - OKI electronic componets MSM7630 Datasheet HTML 12Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 95 page
background image
MSM7630
¡ Semiconductor
8/95
DRAM Access
Parameter
Symbol
Condition
Unit
Min.
Typ.
Max.
—
RAS Delay Time
tRAS
—
18
ns
—
—
RAS Pulse Width
tW_RAS
—
Note 1
tCYC
3
—
A to RAS Time
tW_ARAS
—
—tCYC
1
—
CAS Delay Time
tCAS
2nt access falling
edge
18
ns
—
—
18 + 0.5 tCYC
ns
—
—
CAS Pulse Width
tW_CAS
Normal
Refresh
5tCYC
4
—
2tCYC
1.5
A to CAS Time
tW_ACAS
—
—
1ns
0.5
RAS to CAS Time
tW_RASCAS
2tCYC
1.5
—
—
WE to CAS Time
tW_WECAS
2tCYC
1.5
—
—
WE Delay Time
tWE
20
ns
—
—
—
WE Pulse Width
tW_WE
Note 1
tCYC
3
—
—
A to WE Time
tW_AWE
—tCYC
—
—
1
CAS to RAS Time
tW_CASRAS
—tCYC
—
—
1
Normal
(VDD = 3.0 to 3.6 V, TOPE = –40 to +85°C)
Required Precharge Time
tW_PREC
Note 2
tCYC
1
—
—
CAS to D Time
tW_EDO
1tCYC
—
Hyper Mode
—
General Device Access
Parameter
Symbol
Condition
Unit
Min.
Typ.
Max.
(VDD = 3.0 to 3.6 V, TOPE = –40 to +85°C)
—
AS Delay Time
tAS
—
18
ns
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com