Electronic Components Datasheet Search
  English  ▼

X  

MSM7630 Datasheet(PDF) 43 Page - OKI electronic componets

Part # MSM7630
Description  Universal Speech Processor
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM7630 Datasheet(HTML) 43 Page - OKI electronic componets

Back Button MSM7630 Datasheet HTML 39Page - OKI electronic componets MSM7630 Datasheet HTML 40Page - OKI electronic componets MSM7630 Datasheet HTML 41Page - OKI electronic componets MSM7630 Datasheet HTML 42Page - OKI electronic componets MSM7630 Datasheet HTML 43Page - OKI electronic componets MSM7630 Datasheet HTML 44Page - OKI electronic componets MSM7630 Datasheet HTML 45Page - OKI electronic componets MSM7630 Datasheet HTML 46Page - OKI electronic componets MSM7630 Datasheet HTML 47Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 95 page
background image
MSM7630
¡ Semiconductor
43/95
5.7 BPT: Breakpoint Trap
A breakpoint trap is generated when the instruction execution address matches the address pointed
to by the %BPA register. However, the EBP bit in the %PSR register must be enabled. The instruction
at the address that causes the trap will not be executed. The trap will be generated even if the
instruction is converted to a NOP by delayed instruction control (x-bit manipulation).
Type: Instruction-synchronous trap caused by hardware.
Vector number/address: Vector number = 8 / VBA+0x080
Conditions: EM == 1 && EBP == 1. Not invalidated by delayed instruction control (x-bit).
Saved address: Address pointed to by the %BPA register.
PL after interrupt transition: 15
5.8 EINT: External Interrupt 1-15
External interrupts are generated by inputs. However, an external interrupt will be accepted only
when its level has higher priority than the current processor level. When an external interrupt is
accepted, the processor level becomes the same as its level.
Type: Asynchronous interrupt when level on INT1-INT15 pins is detected.
Vector number/address: Vector number = 33-47 / VBA+0x210-0x2f0
Conditions: EM == 1 && PL < external_interrupt_number
Saved address: Address being executed when the interrupt was accepted.
PL after interrupt transition: External interrupt number
The MSM7630 assigns interrupt levels as follows. It does not use other interrupts (including NMI).
Interrupt Source
Priority
Interrupt Number
User Block/TMR2
1
INT11
External pin (EXTINT)
2
INT9
Serial I/O
3
INT7
Parallel I/O
4
INT5
TMR1
5
INT3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com