Electronic Components Datasheet Search
  English  ▼

X  

MSM7630 Datasheet(PDF) 11 Page - OKI electronic componets

Part # MSM7630
Description  Universal Speech Processor
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM7630 Datasheet(HTML) 11 Page - OKI electronic componets

Back Button MSM7630 Datasheet HTML 7Page - OKI electronic componets MSM7630 Datasheet HTML 8Page - OKI electronic componets MSM7630 Datasheet HTML 9Page - OKI electronic componets MSM7630 Datasheet HTML 10Page - OKI electronic componets MSM7630 Datasheet HTML 11Page - OKI electronic componets MSM7630 Datasheet HTML 12Page - OKI electronic componets MSM7630 Datasheet HTML 13Page - OKI electronic componets MSM7630 Datasheet HTML 14Page - OKI electronic componets MSM7630 Datasheet HTML 15Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 95 page
background image
MSM7630
¡ Semiconductor
11/95
Serial Interface
Parameter
Symbol
Condition
Unit
Min.
Typ.
Max.
(VDD = 3.0 to 3.6 V, TOPE = –40 to +85°C)
RTS Delay Time
tRTS
20
ns
—
—
—
Required RXD Time
tW_RXD
—s
1/bps
RXD Setup Time
tS_RXD
s
0.5/bps
RXD Hold Time
tH_RXD
s
0.5/bps
CTS Setup Time
tS_CTS
ns
0
CTS Hold Time
tH_CTS
ns
0
TXD Delay Time
tTXD
20
ns
—
TXD Pulse Width
tW_TXD
—s
1/bps
DTR Delay Time
tDTR
20
ns
—
SCLK Delay Time
tSCLK
20
ns
—
SCLK Pulse Width
tW_SCLK
—s
1/bps
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
Parallel Interface
Parameter
Symbol
Condition
Unit
Min.
Typ.
Max.
(VDD = 3.0 to 3.6 V, TOPE = –40 to +85°C)
—
PACK to PD Delay Time
tPACK
—
22
ns
—
—
PACK to PD Hi Z Delay Time
tPRDZ
—
22
ns
—
—
PCS Setup Time for PSTB/PACK
tS_PCS
—
—ns
0
—
PCS Hold Time for PSTB/PACK
tH_PCS
—
—ns
0
Required PACK Time
tW_PACK
—ns
30 + tCYC
—
—
—
PIOA Setup Time for PSTB/PACK
tS_PIOA
—
—ns
0
—
PIOA Hold Time for PSTB/PACK
tH_PIOA
—
—ns
3
Required PSTB Time
tW_PSTB
—ns
30 + 2 tCYC
—
—
—
PD Setup Time for PSTB
tS_PD
—
—ns
–tCYC
—
PD Hold Time for PSTB
tH_PD
—
—ns
8
Note 1
According to DRAM configuration
Note 2
By the DRAM access timing
Note 3
In the case of writing, increased by 1 clock when X bit = 0 and by 2 clocks when X bit
= 1.
Note 4
Flash memory access timing is the same with the SRAM timing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com