Electronic Components Datasheet Search
  English  ▼

X  

MSM7630 Datasheet(PDF) 44 Page - OKI electronic componets

Part # MSM7630
Description  Universal Speech Processor
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM7630 Datasheet(HTML) 44 Page - OKI electronic componets

Back Button MSM7630 Datasheet HTML 40Page - OKI electronic componets MSM7630 Datasheet HTML 41Page - OKI electronic componets MSM7630 Datasheet HTML 42Page - OKI electronic componets MSM7630 Datasheet HTML 43Page - OKI electronic componets MSM7630 Datasheet HTML 44Page - OKI electronic componets MSM7630 Datasheet HTML 45Page - OKI electronic componets MSM7630 Datasheet HTML 46Page - OKI electronic componets MSM7630 Datasheet HTML 47Page - OKI electronic componets MSM7630 Datasheet HTML 48Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 95 page
background image
MSM7630
¡ Semiconductor
44/95
5.9 Return From Interrupt
In order to return from an interrupt process caused by an exception, external interrupt, or software
trap, the pipeline at the time of the interrupt must be regenerated before execution.
There are two types of returns: (1) re-execution of an instruction that was in its execution phase at
the time an exception, external interrupt, or asynchronous trap caused an interrupt, and (2) re-
execution of the instruction after the instruction that was in its execution phase at the time a software
trap caused an interrupt. However, if breakpoints are supported by software traps then case (1)
applies.
The return sequence from an interface process is described below.
Also, an rt instruction must not be executed while the EM bit of %PSR is 1 (the state permitting
overlapping interrupts). If an interrupt occurred during the rt instruction in such a case, then the
contents of %PSR would be corrupted.
1. Resume from interrupted instruction
·
·
brst
%psr, 4, %psr
; EM-bit reset
jlr
%r1, %nop
; delay slot, branch %r1 (old %PC),
; return address not saved
rt
%r2
; return to %r2 (old %nPC), %prPSR move to %PSR
2. Return from instruction after interrupt
·
·
add
%r2, 4, %r1
; %r2+4 (old %nPC+4)Æ%r1
brst
%psr, 4, %psr
; EM-bit reset
jlr
%r2, %nop
; delay slot, branch %r2 (old %nPC), return address not saved
rt
%r1
; return to %r1 (old %nPC+4), %prPSR move to %PSR
In this case the pNOP bit of %prPSR must be cleared in advance of rt instruction execution. If the
pNOP bit of %prPSR is set and then the rt instruction is executed, then the instruction at the return
point would not be executed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com