Electronic Components Datasheet Search
  English  ▼

X  

V62/13624-01XE-R Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # V62/13624-01XE-R
Description  Mixed Signal Microcontroller
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

V62/13624-01XE-R Datasheet(HTML) 15 Page - Texas Instruments

Back Button V62/13624-01XE-R Datasheet HTML 11Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 12Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 13Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 14Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 15Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 16Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 17Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 18Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 77 page
background image
15
MSP430F2132-EP
www.ti.com
SLAS913A – JULY 2013 – REVISED AUGUST 2013
Product Folder Links: MSP430F2132-EP
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
4.18 Timer1_A2
Timer1_A2 is a 16-bit timer/counter with two capture/compare registers. Timer1_A2 can support multiple
capture/compares, PWM outputs, and interval timing. Timer1_A2 also has extensive interrupt capabilities.
Interrupts may be generated from the counter on overflow conditions and from each of the capture/compare
registers.
Table 13. Timer1_A2 Signal Connections
INPUT PIN NUMBER
DEVICE INPUT
SIGNAL
MODULE
INPUT NAME
MODULE
BLOCK
MODULE
OUTPUT
SIGNAL
OUTPUT PIN NUMBER
PW
RHB, RTV
PW
RHB, RTV
21 - P1.0
21 - P1.0
TACLK
TACLK
Timer
NA
ACLK
ACLK
SMCLK
SMCLK
9 - P2.1
7 - P2.1
TAINCLK
INCLK
22 - P1.1
22 - P1.1
TA0
CCI0A
CCR0
TA0
17 - P3.6
15 - P3.6
17 - P3.6
15 - P3.6
TA0
CCI0B
DVSS
GND
DVCC
VCC
18 - P3.7
16 - P3.7
TA1
CCI1A
CCR1
TA1
18 - P3.7
16 - P3.7
CAOUT
(internal)
CCI1B
DVSS
GND
DVCC
VCC
4.19 Universal Serial Communications Interface (USCI)
The USCI module is used for serial data communication. The USCI module supports synchronous
communication protocols like SPI (3 or 4 pin), I2C and asynchronous communication protocols such as UART,
enhanced UART with automatic baudrate detection (LIN), and IrDA.
USCI_A0 provides support for SPI (3 or 4 pin), UART, enhanced UART, and IrDA.
USCI_B0 provides support for SPI (3 or 4 pin) and I2C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com