Electronic Components Datasheet Search
  English  ▼

X  

V62/13624-01XE-R Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # V62/13624-01XE-R
Description  Mixed Signal Microcontroller
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

V62/13624-01XE-R Datasheet(HTML) 18 Page - Texas Instruments

Back Button V62/13624-01XE-R Datasheet HTML 14Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 15Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 16Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 17Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 18Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 19Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 20Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 21Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 77 page
background image
18
MSP430F2132-EP
SLAS913A – JULY 2013 – REVISED AUGUST 2013
www.ti.com
Product Folder Links: MSP430F2132-EP
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
(1)
Stresses beyond those listed under absolute maximum ratingsmay cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditionsis not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages referenced to VSS. The JTAG fuse-blow voltage, VFB, is allowed to exceed the absolute maximum rating. The voltage is
applied to the TEST pin when blowing the JTAG fuse.
(3)
Higher temperature may be applied during board soldering process according to the current JEDEC J-STD-020 specification with peak
reflow temperatures not higher than classified on the device label on the shipping boxes or reels.
5 Specifications
5.1 Absolute Maximum Ratings
(1)
Voltage applied at VCC to VSS
-0.3 V to 4.1 V
Voltage applied to any pin (2)
-0.3 V to VCC + 0.3 V
Diode current at any device terminal
±2 mA
Storage temperature, Tstg
(3)
Unprogrammed device
-55°C to 150°C
Programmed device
-55°C to 150°C
A.
See data sheet for absolute maximum and minimum recommended operating conditions.
B.
Silicon operating life design goal is 10 years at 110°C junction temperature (does not include package interconnect
life).
C.
The predicted operating lifetime vs. junction temperature is based on reliability modeling using electromigration as the
dominant failure mechanism affecting device wearout for the specific device process and design characteristics.
Figure 1. Operating Life Derating Chart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com