Electronic Components Datasheet Search
  English  ▼

X  

V62/13624-01XE-R Datasheet(PDF) 40 Page - Texas Instruments

Click here to check the latest version.
Part # V62/13624-01XE-R
Description  Mixed Signal Microcontroller
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

V62/13624-01XE-R Datasheet(HTML) 40 Page - Texas Instruments

Back Button V62/13624-01XE-R Datasheet HTML 36Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 37Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 38Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 39Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 40Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 41Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 42Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 43Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 77 page
background image
40
MSP430F2132-EP
SLAS913A – JULY 2013 – REVISED AUGUST 2013
www.ti.com
Product Folder Links: MSP430F2132-EP
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
(1)
Not ensured for TA > 105°C.
(2)
The capacitance applied to the internal buffer operational amplifier, if switched to terminal P2.4/TA2/A4/VREF+/VeREF+ (REFOUT = 1),
must be limited; otherwise, the reference buffer may become unstable.
(3)
Calculated using the box method:
I temperature: (MAX(-40 to 85°C) – MIN(-40 to 85°C)) / MIN(-40 to 85°C) / (85°C – (–40°C))
T temperature: (MAX(-40 to 105°C) – MIN(-40 to 105°C)) / MIN(-40 to 105°C) / (105°C – (–40°C))
(4)
Calculated using the box method: ((MAX(VREF(T)) -- MIN(VREF(T))) / MIN(VREF(T)) / (TMAX - TMIN)
(5)
The condition is that the error in a conversion started after tREFON or tRefBuf is less than ±0.5 LSB.
5.31 10-Bit ADC, Built-In Voltage Reference
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
VCC,REF+
Positive built-in
reference analog
supply voltage range
IVREF+ ≤ 1 mA, REF2_5V = 0
2.2
V
IVREF+ ≤ 0.5 mA, REF2_5V = 1
2.8
IVREF+ ≤ 1 mA, REF2_5V = 1
2.9
VREF+
Positive built-in
reference voltage
IVREF+ ≤ IVREF+max, REF2_5V = 0
2.2 V, 3 V
1.40
1.5
1.60
V
IVREF+ ≤ IVREF+max, REF2_5V = 1
3 V
2.30
2.5
2.70
ILD,VREF+
Maximum VREF+
load current
2.2 V
±0.5
mA
3 V
±1
VREF+ load
regulation
IVREF+ = 500 µA ± 100 µA,
Analog input voltage VAx ≈ 0.75 V,
REF2_5V = 0
2.2 V, 3 V
±2
LSB
IVREF+ = 500 µA ± 100 µA,
Analog input voltage VAx ≈ 1.25 V,
REF2_5V = 1
3 V
±2
VREF+ load
regulation response
time(1)
IVREF+ = 100 µA to 900 µA,
VAx ≈ 0.5 x VREF+,
Error of conversion result
≤1 LSB
ADC10SR = 0
3 V
400
ns
ADC10SR = 1
2000
CVREF+
Maximum
capacitance at pin
VREF+
(2)
IVREF+ ≤ ±1 mA, REFON = 1, REFOUT = 1
2.2 V, 3 V
100
pF
TCREF+
Temperature
coefficient(3)
IVREF+ = constant with
0 mA
≤ IVREF+ ≤ 1 mA
(4)
-40°C to 85°C
2.2 V, 3 V
±100
ppm/°C
-40°C to 105°C
±110
tREFON
Settling time of
internal reference
voltage(1)(5)
IVREF+ = 0.5 mA, REF2_5V = 0,
REFON = 0 to 1
3.6 V
30
µs
tREFBURST
Settling time of
reference buffer(1)(5)
IVREF+ = 0.5 mA,
REF2_5V = 0,
REFON = 1,
REFBURST = 1
ADC10SR = 0
2.2 V
1
µs
ADC10SR = 1
2.5
IVREF+ = 0.5 mA,
REF2_5V = 1,
REFON = 1,
REFBURST = 1
ADC10SR = 0
3 V
2
ADC10SR = 1
4.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com