Electronic Components Datasheet Search
  English  ▼

X  

V62/13624-01XE-R Datasheet(PDF) 37 Page - Texas Instruments

Click here to check the latest version.
Part # V62/13624-01XE-R
Description  Mixed Signal Microcontroller
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

V62/13624-01XE-R Datasheet(HTML) 37 Page - Texas Instruments

Back Button V62/13624-01XE-R Datasheet HTML 33Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 34Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 35Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 36Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 37Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 38Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 39Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 40Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 77 page
background image
37
MSP430F2132-EP
www.ti.com
SLAS913A – JULY 2013 – REVISED AUGUST 2013
Product Folder Links: MSP430F2132-EP
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
(1)
The leakage current for the Comparator_A+ terminals is identical to Ilkg(Px.y) specification.
(2)
Not ensured for TA > 105°C.
(3)
The input offset voltage can be cancelled by using the CAEX bit to invert the Comparator_A+ inputs on successive measurements. The
two successive measurements are then summed together.
(4)
Response time measured at P2.2/TA0.0/A2/CA4/CAOUT. If the Comparator_A+ is enabled a settling time of 60 ns (typical) is added to
the response time.
5.29 Comparator_A+
(1)
over recommended operating free-air temperature range (unless otherwise noted). See Typical Characteristics -
Comparator_A+ for related characterization graphs.
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
I(DD)
CAON = 1, CARSEL = 0, CAREF = 0
2.2 V
25
45
µA
3 V
45
65
I(Refladder/RefDiode)
CAON = 1, CARSEL = 0, CAREF = 1/2/3,
No load at CA0 and CA1
2.2 V
30
55
µA
3 V
45
85
VIC
Common-mode input voltage
range(2)
CAON = 1
2.2 V, 3 V
0
VCC - 1
V
V(Ref025)
Voltage at 0.25 VCC node /
VCC
PCA0 = 1, CARSEL = 1, CAREF = 1,
No load at CA0 and CA1
2.2 V, 3 V
0.225
0.24
0.255
V(Ref050)
Voltage at 0.5 VCC node /
VCC
PCA0 = 1, CARSEL = 1, CAREF = 2,
No load at CA0 and CA1
2.2 V, 3 V
0.465
0.48
0.505
V(RefVT)
See Figure 29 and Figure 30
PCA0 = 1, CARSEL = 1, CAREF = 3,
No load at CA0 and CA1,
TA = 85°C
2.2 V
360
480
570
mV
3 V
370
490
580
V(offset)
Offset voltage(3)
2.2 V, 3 V
-42
42
mV
Vhys
Input hysteresis
CAON = 1
2.2 V, 3 V
0.7
1.8
mV
t(response)
Response time
(low-high and high-low)
TA = 25°C, Overdrive 10 mV,
Without filter: CAF = 0(4)
(see Figure 9 and Figure 10)
2.2 V
100
165
320
ns
3 V
50
120
250
TA = 25°C, Overdrive 10 mV,
With filter: CAF = 1(4)
(see Figure 9 and Figure 10)
2.2 V
1.3
1.9
3.0
µs
3 V
0.7
1.5
2.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com