Electronic Components Datasheet Search
  English  ▼

X  

V62/13624-01XE-R Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # V62/13624-01XE-R
Description  Mixed Signal Microcontroller
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

V62/13624-01XE-R Datasheet(HTML) 23 Page - Texas Instruments

Back Button V62/13624-01XE-R Datasheet HTML 19Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 20Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 21Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 22Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 23Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 24Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 25Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 26Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 77 page
background image
23
MSP430F2132-EP
www.ti.com
SLAS913A – JULY 2013 – REVISED AUGUST 2013
Product Folder Links: MSP430F2132-EP
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
(1)
XIN only in bypass mode
5.6 Schmitt-Trigger Inputs (Ports P1, P2, P3, JTAG, RST/NMI, XIN
(1))
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
VIT+
Positive-going input threshold voltage
0.45 VCC
0.75 VCC
V
2.2 V
0.95
1.70
3 V
1.30
2.30
VIT-
Negative-going input threshold voltage
0.25 VCC
0.55 VCC
V
2.2 V
0.50
1.25
3 V
0.70
1.70
Vhys
Input voltage hysteresis (VIT+ - VIT- )
2.2 V
0.15
1.05
V
3 V
0.25
1.05
RPull
Pullup/pulldown resistor
For pullup: VIN = VSS,
For pulldown: VIN = VCC
19
35
52
kΩ
CI
Input capacitance
VIN = VSS or VCC
5
pF
(1)
An external signal sets the interrupt flag every time the minimum interrupt pulse duration t(int) is met. It may be set with trigger signals
shorter than t(int).
5.7 Inputs (Ports P1, P2)
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
t(int)
External interrupt timing
Port P1, P2: P1.x to P2.x, External trigger
pulse duration to set interrupt flag(1)
2.2 V, 3 V
20
ns
(1)
The leakage current is measured with VSS or VCC applied to the corresponding pin(s), unless otherwise noted.
(2)
The leakage of the digital port pins is measured individually. The port pin is selected for input and the pullup or pulldown resistor is
disabled.
5.8 Leakage Current (Ports P1, P2, P3)
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
Ilkg(Px.y)
High-impedance leakage current
(1) (2)
2.2 V, 3 V
±51
nA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com