Electronic Components Datasheet Search
  English  ▼

X  

V62/13624-01XE-R Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # V62/13624-01XE-R
Description  Mixed Signal Microcontroller
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

V62/13624-01XE-R Datasheet(HTML) 24 Page - Texas Instruments

Back Button V62/13624-01XE-R Datasheet HTML 20Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 21Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 22Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 23Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 24Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 25Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 26Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 27Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 77 page
background image
24
MSP430F2132-EP
SLAS913A – JULY 2013 – REVISED AUGUST 2013
www.ti.com
Product Folder Links: MSP430F2132-EP
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
(1)
The maximum total current, IOH(max) and IOL(max), for all outputs combined, should not exceed ±12 mA to hold the maximum voltage drop
specified.
(2)
The maximum total current, IOH(max) and IOL(max), for all outputs combined, should not exceed ±48 mA to hold the maximum voltage drop
specified.
5.9 Outputs (Ports P1, P2, P3)
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
MAX
UNIT
VOH
High-level output voltage
IOH(max) = -1.5 mA
(1)
2.2 V
VCC - 0.3
VCC
V
IOH(max) = -6 mA
(2)
VCC - 0.65
VCC
IOH(max) = -1.5 mA
(1)
3 V
VCC - 0.3
VCC
IOH(max) = -6 mA
(2)
VCC - 0.65
VCC
VOL
Low-level output voltage
IOL(max) = 1.5 mA
(1)
2.2 V
VSS
VSS + 0.3
V
IOL(max) = 6 mA
(2)
VSS
VSS + 0.65
IOL(max) = 1.5 mA
(1)
3 V
VSS
VSS + 0.3
IOL(max) = 6 mA
(2)
VSS
VSS + 0.65
(1)
Not ensured for TA > 105°C.
(2)
Alternatively, a resistive divider with two 0.5-kΩ resistors between VCC and VSS is used as load. The output is connected to the center
tap of the divider.
(3)
The output voltage reaches at least 10% and 90% VCC at the specified toggle frequency.
5.10 Output Frequency (Ports P1, P2, P3)
(1)
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted). See Typical
Characteristics - Outputs for related characterization graphs.
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
fPx.y
Port output frequency (with load)
P1.4/SMCLK, CL = 20 pF, RL = 1 kΩ
(2) (3)
2.2 V
7.5
MHz
3 V
12
fPort°CLK
Clock output frequency
P2.0/ACLK, P1.4/SMCLK, CL = 20 pF
(3)
2.2 V
7.5
MHz
3 V
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com