Electronic Components Datasheet Search
  English  ▼

X  

V62/13624-01XE-R Datasheet(PDF) 51 Page - Texas Instruments

Click here to check the latest version.
Part # V62/13624-01XE-R
Description  Mixed Signal Microcontroller
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

V62/13624-01XE-R Datasheet(HTML) 51 Page - Texas Instruments

Back Button V62/13624-01XE-R Datasheet HTML 47Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 48Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 49Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 50Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 51Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 52Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 53Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 54Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 55Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 77 page
background image
V /V
− Normalized Input Voltage − V/V
IN
CC
1
10
100
0.0
0.2
0.4
0.6
0.8
1.0
V
CC = 1.8 V
V
= 3.6 V
CC
V
CC = 2.2 V
V
CC = 3.0 V
400
450
500
550
600
650
−45
−25
−5
15
35
55
75
95
115
T – Free-Air Temperature − °C
A
V
= 2.2 V
CC
Typical
T – Free-Air Temperature − °C
A
400
450
500
550
600
650
−45.0 −25.0 −5.0
15.0
35.0
55.0
75.0
95.0 115.0
V
= 3 V
CC
Typical
51
MSP430F2132-EP
www.ti.com
SLAS913A – JULY 2013 – REVISED AUGUST 2013
Product Folder Links: MSP430F2132-EP
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
5.48 Typical Characteristics - Comparator_A+
Figure 29. V(RefVT) vs Temperature VCC = 2.2 V
Figure 30. V(RefVT) vs Temperature VCC = 2.2 V
Figure 31. Short Resistance vs VIN/VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com