Electronic Components Datasheet Search
  English  ▼

X  

V62/13624-01XE-R Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # V62/13624-01XE-R
Description  Mixed Signal Microcontroller
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

V62/13624-01XE-R Datasheet(HTML) 33 Page - Texas Instruments

Back Button V62/13624-01XE-R Datasheet HTML 29Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 30Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 31Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 32Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 33Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 34Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 35Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 36Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 77 page
background image
33
MSP430F2132-EP
www.ti.com
SLAS913A – JULY 2013 – REVISED AUGUST 2013
Product Folder Links: MSP430F2132-EP
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
(1)
The DCO wake-up time must be considered in LPM3 and LPM4 for baud rates above 1 MHz.
(2)
Pulses on the UART receive input (UCxRX) shorter than the UART receive deglitch time are suppressed. To ensure that pulses are
correctly recognized, their duration should exceed the maximum specification of the deglitch time.
5.25 USCI (UART Mode)
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
CONDITIONS
VCC
MIN
TYP
MAX
UNIT
fUSCI
USCI input clock frequency
Internal: SMCLK, ACLK
External: UCLK
Duty cycle = 50% ± 10%
fSYSTEM
MHz
fmax,BITCLK
Maximum BITCLK clock frequency
(equals baud rate in MBaud)(1)
2.2 V, 3 V
2
MHz
tτ
UART receive deglitch time(2)
2.2 V
45
150
ns
3 V
45
100
(1)
fUCxCLK = 1/2tLO/HI with tLO/HI ≥ max(tVALID,MO(USCI) + tSU,SI(Slave), tSU,MI(USCI) + tVALID,SO(Slave)).
For the slave's parameters tSU,SI(Slave) and tVALID,SO(Slave), see the SPI parameters of the attached slave.
(2)
Not ensured for TA > 105°C.
5.26 USCI (SPI Master Mode)
(1)
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
(see Figure 4 and Figure 5)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
fUSCI
USCI input clock frequency
SMCLK, ACLK
Duty cycle = 50% ± 10%
fSYSTEM
MHz
tSU,MI
SOMI input data setup time
2.2 V
110
ns
3 V
75
tHD,MI
SOMI input data hold time
2.2 V
0
ns
3 V
0
tVALID,MO
SIMO output data valid time(2)
UCLK edge to SIMO valid,
CL = 20 pF
2.2 V
30
ns
3 V
20
(1)
fUCxCLK = 1/2tLO/HI with tLO/HI ≥ max(tVALID,MO(Master) + tSU,SI(USCI), tSU,MI(Master) + tVALID,SO(USCI)).
For the master's parameters tSU,MI(Master) and tVALID,MO(Master) refer to the SPI parameters of the attached slave.
(2)
Not ensured for TA > 105°C.
5.27 USCI (SPI Slave Mode)
(1)
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
(see Figure 6 and Figure 7)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
tSTE,LEAD
STE lead time, STE low to clock
2.2 V, 3 V
50
ns
tSTE,LAG
STE lag time, Last clock to STE high
2.2 V, 3 V
10
ns
tSTE,ACC
STE access time, STE low to SOMI data out
2.2 V, 3 V
50
ns
tSTE,DIS
STE disable time, STE high to SOMI high
impedance
2.2 V, 3 V
50
ns
tSU,SI
SIMO input data setup time
2.2 V
20
ns
3 V
15
tHD,SI
SIMO input data hold time
2.2 V
10
ns
3 V
10
tVALID,SO
SOMI output data valid time(2)
UCLK edge to SOMI valid,
CL = 20 pF
2.2 V
75
110
ns
3 V
50
75



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com