Electronic Components Datasheet Search
  English  ▼

X  

V62/13624-01XE-R Datasheet(PDF) 42 Page - Texas Instruments

Click here to check the latest version.
Part # V62/13624-01XE-R
Description  Mixed Signal Microcontroller
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

V62/13624-01XE-R Datasheet(HTML) 42 Page - Texas Instruments

Back Button V62/13624-01XE-R Datasheet HTML 38Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 39Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 40Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 41Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 42Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 43Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 44Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 45Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 77 page
background image
42
MSP430F2132-EP
SLAS913A – JULY 2013 – REVISED AUGUST 2013
www.ti.com
Product Folder Links: MSP430F2132-EP
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
(1)
The reference buffer offset adds to the gain and total unadjusted error.
5.34 10-Bit ADC, Linearity Parameters
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
EI
Integral linearity error
2.2 V, 3 V
±1.2
LSB
ED
Differential linearity error
2.2 V, 3 V
±1.2
LSB
EO
Offset error
Source impedance RS < 100 Ω
2.2 V, 3 V
±1.2
LSB
EG
Gain error
SREFx = 010, unbuffered external reference,
VeREF+ = 1.5 V
2.2 V
±1.1
±2
LSB
SREFx = 010, unbuffered external reference,
VeREF+ = 2.5 V
3 V
±1.1
±2
SREFx = 011, buffered external reference(1),
VeREF+ = 1.5 V
2.2 V
±1.1
±4.5
SREFx = 011, buffered external reference(1),
VeREF+ = 2.5 V
3 V
±1.1
±3.5
ET
Total unadjusted error
SREFx = 010, unbuffered external reference,
VeREF+ = 1.5 V
2.2 V
±2
±5
LSB
SREFx = 010, unbuffered external reference,
VeREF+ = 2.5 V
3 V
±2
±5
SREFx = 011, buffered external reference(1),
VeREF+ = 1.5 V
2.2 V
±2
±7.5
SREFx = 011, buffered external reference(1),
VeREF+ = 2.5 V
3 V
±2
±6.5
(1)
The sensor current ISENSOR is consumed if (ADC10ON = 1 and REFON = 1) or (ADC10ON = 1 and INCH = 0Ah and sample signal is
high). When REFON = 1, ISENSOR is included in IREF+.When REFON = 0, ISENSOR applies during conversion of the temperature sensor
input (INCH = 0Ah).
(2)
The following formula can be used to calculate the temperature sensor output voltage:
VSensor,typ = TCSensor ( 273 + T [°C] ) + VOffset,sensor [mV] or
VSensor,typ = TCSensor T [°C] + VSensor(TA = 0°C) [mV]
(3)
Not ensured for TA > 105°C.
(4)
Results based on characterization and/or production test, not TCSensor or VOffset,sensor.
(5)
No additional current is needed. The VMID is used during sampling.
(6)
The on time, tVMID(on), is included in the sampling time, tVMID(sample); no additional on time is needed.
5.35 10-Bit ADC, Temperature Sensor and Built-In VMID
(1)
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
ISENSOR
Temperature sensor supply
current(1)
REFON = 0, INCHx = 0Ah,
ADC10ON = 1, TA = 25°C
2.2 V
40
120
µA
3 V
60
160
TCSENSOR
ADC10ON = 1, INCHx = 0Ah(2)
2.2 V, 3 V
3.55
mV/°C
VOffset,Sensor
Sensor offset voltage(3)
ADC10ON = 1, INCHx = 0Ah(2)
-100
+100
mV
VSENSOR
Sensor output voltage(4)
Temperature sensor voltage at
TA = 125°C (Q version only)
2.2 V, 3 V
1205
1365
1465
mV
Temperature sensor voltage at TA = 85°C
1195
1295
1395
Temperature sensor voltage at TA = 25°C
985
1085
1185
Temperature sensor voltage at TA = 0°C
895
995
1095
tSENSOR(sample)
Sample time required if
channel 10 is selected(5)
ADC10ON = 1, INCHx = 0Ah,
Error of conversion result
≤ 1 LSB
2.2 V, 3 V
31
µs
IVMID
Current into divider at
channel 11(5)
ADC10ON = 1, INCHx = 0Bh
2.2 V
N/A(5)
µA
3 V
N/A(5)
VMID
VCC divider at channel 11
ADC10ON = 1, INCHx = 0Bh,
VMID ≈ 0.5 × VCC
2.2 V
1.05
1.1
1.15
V
3 V
1.45
1.5
1.55
tVMID(sample)
Sample time required if
channel 11 is selected(6)
ADC10ON = 1, INCHx = 0Bh,
Error of conversion result
≤ 1 LSB
2.2 V
1600
ns
3 V
1600



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com