Electronic Components Datasheet Search
  English  ▼

X  

RF64W Datasheet(PDF) 1 Page - HOPE Microelectronics CO., Ltd.

Part # RF64W
Description  Ultra-Low Power Integrated 300-510MHz Transceiver
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

RF64W Datasheet(HTML) 1 Page - HOPE Microelectronics CO., Ltd.

  RF64W Datasheet HTML 1Page - HOPE Microelectronics CO., Ltd. RF64W Datasheet HTML 2Page - HOPE Microelectronics CO., Ltd. RF64W Datasheet HTML 3Page - HOPE Microelectronics CO., Ltd. RF64W Datasheet HTML 4Page - HOPE Microelectronics CO., Ltd. RF64W Datasheet HTML 5Page - HOPE Microelectronics CO., Ltd. RF64W Datasheet HTML 6Page - HOPE Microelectronics CO., Ltd. RF64W Datasheet HTML 7Page - HOPE Microelectronics CO., Ltd. RF64W Datasheet HTML 8Page - HOPE Microelectronics CO., Ltd. RF64W Datasheet HTML 9Page - HOPE Microelectronics CO., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 76 page
background image
RF64
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
ADVANCED COMMUNICATIONS & SENSING
General Description
The RF64 is a low cost single-chip transceiver
operating in the frequency ranges from 300MHz to
510MHz. The RF64 is optimized for very low power
consumption (3mA in receiver mode). It incorporates a
baseband modem with data rates up to 150 kb/s. Data
handling features include a sixty-four byte FIFO,
packet handling, automatic CRC generation and data
whitening. Its highly integrated architecture allows for
minimum external component count whilst maintaining
design
flexibility.
All
major
RF
communication
parameters are programmable and most of them may
be dynamically set. It complies with European (ETSI
EN 300-220 V2.1.1) and North American (FCC part
15.247 and 15.249) regulatory standards.
Ordering Information
Table 1: Ordering Information
Part number
Delivery
Minimum Order
Quantity / Multiple
RF64
Tape & Reel
3000 pieces
TQFN-32 package
– Operating range [-40;+85°C]
Trefers to Lead Free packaging
This device is WEEE and RoHS compliant
Application Circuit Schematic
Features
 Low Rx power consumption: 3mA
 Low Tx power consumption: 25 mA @ +10 dBm
 Good reception sensitivity: down to -104 dBm at
25 kb/s in FSK, -110 dBm at 2kb/s in OOK
 Programmable RF output power: up to +12.5 dBm
in 8 steps
 Packet handling feature with data whitening and
automatic CRC generation
 RSSI (Received Signal Strength Indicator)
 Bit rates up to 150 kb/s, NRZ coding
 On-chip frequency synthesizer
 FSK and OOK modulation
 Incoming sync word recognition
 Built-in Bit-Synchronizer for incoming data and
clock synchronization and recovery
 5 x 5 mm TQFN package
 Optimized
Circuit
Configuration
for
Low-cost
applications
Applications
Wireless alarm and security systems
Wireless sensor networks
Automated Meter Reading
Home and building automation
Industrial monitoring and control
Remote Wireless Control
Active RFID PHY
Ultra-Low Power Integrated 300-510MHz Transceiver
Page 1 of 76


Similar Part No. - RF64W

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RF64 ETC2-RF64 Datasheet
2Mb / 76P
ADVANCED COMMUNICATIONS & SENSING
More results

Similar Description - RF64W

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX1211 SEMTECH-SX1211_08 Datasheet
1Mb / 92P
Ultra-Low Power Integrated UHF Transceiver
SX1212 SEMTECH-SX1212 Datasheet
1Mb / 77P
Ultra-Low Power Integrated 300-510MHz Transceiver
logo
Micrel Semiconductor
MICRF507 MICREL-MICRF507 Datasheet
681Kb / 46P
470MHz to 510MHz Low-Power FSK Transceiver with 10dBm Power Amplifier
logo
Samtec, Inc
SX1212-12SKA433 SAMTEC-SX1212-12SKA433 Datasheet
1Mb / 77P
Ultra-Low Power Integrated 300-510MHz Transceiver
logo
Microchip Technology
MRF89XAM8A-I MICROCHIP-MRF89XAM8A-I Datasheet
2Mb / 140P
Ultra Low-Power, Integrated ISM Band Sub-GHz Transceiver
08/02/11
logo
Semtech Corporation
SM1212E433 SEMTECH-SM1212E433 Datasheet
1Mb / 77P
Ultra-Low Power Integrated 300-510MHz Transceiver
logo
List of Unclassifed Man...
RF63 ETC2-RF63 Datasheet
3Mb / 91P
Ultra-Low Power Integrated UHF Transceiver
logo
Micrel Semiconductor
MICRF507 MICREL-MICRF507_13 Datasheet
1Mb / 47P
470MHz to 510MHz Low-Power FSK Transceiver with 10dBm Power Amplifier
logo
Microchip Technology
MRF89XA MICROCHIP-MRF89XA Datasheet
2Mb / 140P
Ultra Low-Power, Integrated ISM BandSub-GHz Transceiver
10/10/17
logo
HOPE Microelectronics C...
RF63W HOPE-RF63W Datasheet
3Mb / 91P
Ultra-Low Power Integrated UHF Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com