Electronic Components Datasheet Search
  English  ▼

X  

RF64W Datasheet(PDF) 42 Page - HOPE Microelectronics CO., Ltd.

Part # RF64W
Description  Ultra-Low Power Integrated 300-510MHz Transceiver
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

RF64W Datasheet(HTML) 42 Page - HOPE Microelectronics CO., Ltd.

Back Button RF64W Datasheet HTML 38Page - HOPE Microelectronics CO., Ltd. RF64W Datasheet HTML 39Page - HOPE Microelectronics CO., Ltd. RF64W Datasheet HTML 40Page - HOPE Microelectronics CO., Ltd. RF64W Datasheet HTML 41Page - HOPE Microelectronics CO., Ltd. RF64W Datasheet HTML 42Page - HOPE Microelectronics CO., Ltd. RF64W Datasheet HTML 43Page - HOPE Microelectronics CO., Ltd. RF64W Datasheet HTML 44Page - HOPE Microelectronics CO., Ltd. RF64W Datasheet HTML 45Page - HOPE Microelectronics CO., Ltd. RF64W Datasheet HTML 46Page - HOPE Microelectronics CO., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 76 page
background image
ADVANCED COMMUNICATIONS & SENSING
Page 42 of 76
RF64
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
5.3.3. Rx Processing
If the bit synchronizer is disabled, the raw demodulator output is made directly available on DATA pin and no DCLK
signal is provided.
Conversely, if the bit synchronizer is enabled, synchronous cleaned data and clock are made available respectively
on DATA and IRQ_1 pins. DATA is sampled on the rising edge of DCLK and updated on the falling edge as
illustrated in Figure 36.
DATA (NRZ)
DCLK
Figure 36: Rx Processing in Continuous Mode
Note that in Continuous mode it is always recommended to enable the bit synchronizer to clean the DATA signal
even if the DCLK signal is not used by the uC. (bit synchronizer is automatically enabled in Buffered and Packet
mode).
5.3.4. Interrupt Signals Mapping
The tables below give the description of the interrupts available in Continuous mode.
Rx_stby_irq_0
Rx
IRQ_0
00 (d)
Sync
01
RSSI
1x
-
IRQ_1
DCLK
Table 17: Interrupt Mapping in Continuous Rx Mode
Note: In Continuous mode, no interrupt is available in Stby mode
Tx
IRQ_0
-
IRQ_1
DCLK
Table 18: Interrupt Mapping in Continuous Tx Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com