| Electronic Components Datasheet Search |
|
RF64W Datasheet(PDF) 50 Page - HOPE Microelectronics CO., Ltd. |
|
|
|||||||||||||||||||||||||||||
RF64W Datasheet(HTML) 50 Page - HOPE Microelectronics CO., Ltd. |
|
50 / 76 page ![]() ADVANCED COMMUNICATIONS & SENSING Page 50 of 76 RF64 Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com The length stored in this register relates only to the payload which includes the message and the optional address byte. In this mode, the payload must contain at least one byte, i.e. address or message byte. An illustration of a fixed length packet is shown in Figure 43. It contains the following fields: Preamble (1010...). Sync word (Network ID). Optional Address byte (Node ID). Message data. Optional 2-bytes CRC checksum. Optional DC free data coding CRC checksum calculation Preamble 1 to 4 bytes Sync Word 1 to 4 bytes Address byte Message 0 to (FIFO size) bytes CRC 2-bytes Payload/FIFO Fields added by the packet handler in Tx and processed and removed in Rx Optional User provided fields which are part of the payload Message part of the payload Figure 43: Fixed Length Packet Format 5.5.2.2. Variable Length Packet Format This mode is necessary in applications where the length of the packet is not known in advance and can vary over time. It is then necessary for the transmitter to send the length information together with each packet in order for the receiver to operate properly. In this mode the length of the payload, indicated by the length byte in Figure 44, is given by the first byte of the FIFO and is limited only by the width of the FIFO selected. Note that the length byte itself is not included in its calculation. In this mode, the payload must contain at least 2 bytes, i.e. length + address or message byte. An illustration of a variable length packet is shown in Figure 44. It contains the following fields: Preamble (1010...). Sync word (Network ID). Length byte Optional Address byte (Node ID). Message data. Optional 2-bytes CRC checksum. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |