Electronic Components Datasheet Search
  English  ▼

X  

RF64W Datasheet(PDF) 59 Page - HOPE Microelectronics CO., Ltd.

Part # RF64W
Description  Ultra-Low Power Integrated 300-510MHz Transceiver
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

RF64W Datasheet(HTML) 59 Page - HOPE Microelectronics CO., Ltd.

Back Button RF64W Datasheet HTML 55Page - HOPE Microelectronics CO., Ltd. RF64W Datasheet HTML 56Page - HOPE Microelectronics CO., Ltd. RF64W Datasheet HTML 57Page - HOPE Microelectronics CO., Ltd. RF64W Datasheet HTML 58Page - HOPE Microelectronics CO., Ltd. RF64W Datasheet HTML 59Page - HOPE Microelectronics CO., Ltd. RF64W Datasheet HTML 60Page - HOPE Microelectronics CO., Ltd. RF64W Datasheet HTML 61Page - HOPE Microelectronics CO., Ltd. RF64W Datasheet HTML 62Page - HOPE Microelectronics CO., Ltd. RF64W Datasheet HTML 63Page - HOPE Microelectronics CO., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 76 page
background image
ADVANCED COMMUNICATIONS & SENSING
Page 59 of 76
RF64
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
OOK_thresh_type
3-2
1
r/w
OOK demodulator threshold type:
00 -> fixed threshold mode
01 -> peak mode (d)
10 -> average mode
11 -> reserved
IF_gain
1-0
1
r/w
Gain on the IF chain:
00-> maximal gain (0dB) (d)
01 -> -4.5 dB
10 -> -9dB
11-> -13.5 dB
Freq_dev
7-0
2
r/w
Single side frequency deviation in FSK Transmit mode:
Refer to sections 3.3.4 and 3.3.5
Fdev =
f
XTAL
, 0
≤ D ≤ 255, where D is the value in the register.
32 (D  1)
(d): D =
“00000011” => Fdev = 100 kHz
BR_C
7-0
3
r/w
C coefficient of the bit rate
Bit Rate =
f
XTAL
,
0 ≤ C ≤ 255, where C is the value in the register.
2  (C  1)*(D  1)
(d): C =
“0000111” => Bit Rate = 25 kb/s NRZ
BR_D
7-0
4
r/w
D coefficient of the bit rate
Bit Rate =
f
XTAL
, 15 ≤ D ≤ 255, where D is the value in the register.
2  (C  1)*(D  1)
(d): D =
“0001111” => Bit Rate = 25 kb/s NRZ
PA_ramp
7-6
5
r/w
Ramp control of the rise and fall times of the Tx PA regulator output voltage in
OOK mode:
00=> 3us
01=> 8.5 us
10 => 15 us
11=> 23 us (d)
Low_power_rx
5
5
r/w
Enables the low power mode of the receiver by reducing the bias current
of the LNA.
0 -> Low power mode disabled (d)
1 -> Low power mode enabled
Trim_band
2-1
5
r/w
VCO trimming: (d) 11
RF_frequency
0
5
r/w
Selection between the two RF frequencies defined by the
SynthRi, SynthPi, and SynthSi registers:
0 -> frequency 1 for R1,P1,S1 (d)
1 -> frequency 2 for R2,P2,S2
R1
7-0
6
r/w
R counter, active when RPS_
select=”0”
(d):6Bh; default values of R1, P1, S1 generate 434.0 MHz in FSK mode
P1
7-0
7
r/w
P counter, active when RPS_
select=”0”
(d): 2Ah; default values of R1, P1, S1 generate 434.0 MHz in FSK mode
S1
7-0
8
r/w
S counter, active when RPS_
select=”0”
(d): 1Eh; default values of R1, P1, S1 generate 434.0 MHz in FSK mode
R2
7-0
9
r/w
R counter, active when RPS_
select=”1”
(d): 77h; default values of R2, P2, S2 generate 435.0 MHz in FSK mode
P2
7-0
10
r/w
P counter, active when RPS_
select=”1”
(d): 2Fh; default values of R2, P2, S2 generate 435.0 MHz in FSK mode
S2
7-0
11
r/w
S counter, active when RPS_
select=”1”
(d): 19h; default values of R2, P2, S2 generate 435.0 MHz in FSK mode
Res
2-0
12
r/w
Reserved
(d):”000”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com