Electronic Components Datasheet Search
  English  ▼

X  

RF64W Datasheet(PDF) 23 Page - HOPE Microelectronics CO., Ltd.

Part # RF64W
Description  Ultra-Low Power Integrated 300-510MHz Transceiver
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

RF64W Datasheet(HTML) 23 Page - HOPE Microelectronics CO., Ltd.

Back Button RF64W Datasheet HTML 19Page - HOPE Microelectronics CO., Ltd. RF64W Datasheet HTML 20Page - HOPE Microelectronics CO., Ltd. RF64W Datasheet HTML 21Page - HOPE Microelectronics CO., Ltd. RF64W Datasheet HTML 22Page - HOPE Microelectronics CO., Ltd. RF64W Datasheet HTML 23Page - HOPE Microelectronics CO., Ltd. RF64W Datasheet HTML 24Page - HOPE Microelectronics CO., Ltd. RF64W Datasheet HTML 25Page - HOPE Microelectronics CO., Ltd. RF64W Datasheet HTML 26Page - HOPE Microelectronics CO., Ltd. RF64W Datasheet HTML 27Page - HOPE Microelectronics CO., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 76 page
background image
ADVANCED COMMUNICATIONS & SENSING
Page 23 of 76
RF64
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
Rx
First d
conve
LNA
LO1
d down-
ersion
RSSI
OOK
demod
Control logic
-Pattern recogn tion
Bit
-FIFO handler
synchronizer
-SPI inter ace
-Packet handler
LO2 Rx
FSK
demod
3.4. Receiver Description
The RF64 is set to receive mode when MCParam_Chip_mode = 011.
own-
rsion
Secon
conv
i
f
RF
IF1
Baseband, IF2 in OOK
Figure 14: Receiver Architecture
3.4.1. Architecture
The RF64 receiver employs a super-heterodyne architecture. Here, the first IF is 1/9
th
of the RF frequency
(approximately 100MHz). The second down-conversion down-converts the I and Q signals to base band in the
case of the FSK receiver (Zero IF) and to a low-IF (IF2) for the OOK receiver.
Second
down-conversion
LO2
Rx
First
down-conversion
0
IF2=0
in FSK
mode
IF1
≈100MHz
Figure 15: FSK Receiver Setting
Image
frequency
LO1 Rx
Channel
Frequencyl
Second
down-conversion
First
down-conversion
0
IF2<0 in
FSK mode
equal to fo
IF1
≈100MHz
LO2 Rx
Figure 16: OOK Receiver Setting
Image
frequency
LO1 Rx
Channel
Frequency
After the second down-conversion stage, the received signal is channel-select filtered and amplified to a level
adequate for demodulation. Both FSK and OOK demodulation are available. Finally, an optional Bit Synchronizer
(BitSync) is provided, to be supply a synchronous clock and data stream to a companion uC in Continuous mode,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com