Electronic Components Datasheet Search
  English  ▼

X  

RF64W Datasheet(PDF) 68 Page - HOPE Microelectronics CO., Ltd.

Part # RF64W
Description  Ultra-Low Power Integrated 300-510MHz Transceiver
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

RF64W Datasheet(HTML) 68 Page - HOPE Microelectronics CO., Ltd.

Back Button RF64W Datasheet HTML 64Page - HOPE Microelectronics CO., Ltd. RF64W Datasheet HTML 65Page - HOPE Microelectronics CO., Ltd. RF64W Datasheet HTML 66Page - HOPE Microelectronics CO., Ltd. RF64W Datasheet HTML 67Page - HOPE Microelectronics CO., Ltd. RF64W Datasheet HTML 68Page - HOPE Microelectronics CO., Ltd. RF64W Datasheet HTML 69Page - HOPE Microelectronics CO., Ltd. RF64W Datasheet HTML 70Page - HOPE Microelectronics CO., Ltd. RF64W Datasheet HTML 71Page - HOPE Microelectronics CO., Ltd. RF64W Datasheet HTML 72Page - HOPE Microelectronics CO., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 76 page
background image
ADVANCED COMMUNICATIONS & SENSING
Page 68 of 76
RF64
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
7.3.2. Optimized Transmit Cycle
RF64
IDD
IDDT
16mA typ. @1dBm
IDDFS
1.3mA typ.
IDDST
65uA typ.
IDDSL
100nA typ.
Tx
time
RF64 can be put in
Any other mode
Time
Wait
TS TR
Data transmission can start in
Continuous and Buffered
modes
Wait
TS FS
Set RF64 in Tx mode
Packet mode starts its operation
Wait
TS OS
Set RF64 in FS mode
Wait for PLL settling
Set RF64 in Standby mode
Wait for XO settling
Figure 50: Optimized Tx Cycle
Note: As stated in the preceding section, TS_FS time can be improved by using the external lock detector pin as
external interrupt trigger.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com