Electronic Components Datasheet Search
  English  ▼

X  

RF64W Datasheet(PDF) 52 Page - HOPE Microelectronics CO., Ltd.

Part # RF64W
Description  Ultra-Low Power Integrated 300-510MHz Transceiver
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

RF64W Datasheet(HTML) 52 Page - HOPE Microelectronics CO., Ltd.

Back Button RF64W Datasheet HTML 48Page - HOPE Microelectronics CO., Ltd. RF64W Datasheet HTML 49Page - HOPE Microelectronics CO., Ltd. RF64W Datasheet HTML 50Page - HOPE Microelectronics CO., Ltd. RF64W Datasheet HTML 51Page - HOPE Microelectronics CO., Ltd. RF64W Datasheet HTML 52Page - HOPE Microelectronics CO., Ltd. RF64W Datasheet HTML 53Page - HOPE Microelectronics CO., Ltd. RF64W Datasheet HTML 54Page - HOPE Microelectronics CO., Ltd. RF64W Datasheet HTML 55Page - HOPE Microelectronics CO., Ltd. RF64W Datasheet HTML 56Page - HOPE Microelectronics CO., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 76 page
background image
ADVANCED COMMUNICATIONS & SENSING
Page 52 of 76
RF64
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
By default, if the CRC check is enabled and fails for the current packet, then the FIFO is automatically cleared and
neither of the two interrupts are generated and new packet reception is started. This autoclear function can be
disabled via PKTParam_CRC_autoclr bit and, in this case, even if CRC fails, the FIFO is not cleared and only
Payload_ready IRQ source is asserted.
Once
fully
received,
the
payload
can
also
be
fully
or
partially
retrieved
in
Stby
mode
via
PKTParam_Fifo_stby_access. At the end of the reception, although the FIFO automatically stops being filled, it is
still up to the user to explicitly exit Rx mode if required. (e.g. go to Stby to get payload). FIFO must be empty for a
new packet reception to start.
5.5.5. Packet Filtering
RF64
‟s packet handler offers several mechanisms for packet filtering ensuring that only useful packets are made
available to the uC, reducing significantly system power consumption and software complexity.
5.5.5.1. Sync Word Based
Sync word filtering/recognition is automatically enabled in Packet mode. It is used for identifying the start of the
payload and also for network identification. As previously described, the Sync word recognition block is configured
(size, error tolerance, value) via RXParam_Sync_size, RXParam_Sync_tol and SYNCParam configuration
registers. This information is used, both for appending Sync word in Tx, and filtering packets in Rx.
Every received packet which does not start with this locally configured Sync word is automatically discarded and no
interrupt is generated.
When the Sync word is detected, payload reception automatically starts and Sync IRQ source is asserted.
5.5.5.2. Address Based
Address filtering can be enabled via the PKTParam_Adrs_filt bits. It adds another level of filtering, above Sync
word, typically useful in a multi-node networks where a network ID is shared between all nodes (Sync word) and
each node has its own ID (address).
Three address based filtering options are available:
 Adrs_filt = 01: Received address field is compared with internal register Node_Adrs. If they match then the
packet is accepted and processed, otherwise it is discarded.
 Adrs_filt = 10: Received address field is compared with internal register Node_Adrs and the constant 0x00. If
either is a match, the received packet is accepted and processed, otherwise it is discarded. This additional
check with a constant is useful for implementing broadcast in a multi-node networks.
 Adrs_filt = 11: Received address field is compared with internal register Node_Adrs and the constants 0x00 &
0xFF. If any of the three matches, then the received packet is accepted and processed, otherwise it is
discarded. These additional checks with constants are useful for implementing broadcast commands of all
nodes.
Please note that the received address byte, as part of the payload, is not stripped off the packet and is made
available in the FIFO. In addition, Node_Adrs and Adrs_filt only apply to Rx. On Tx side, if address filtering is
expected, the address byte should simply be put into the FIFO like any other byte of the payload.
5.5.5.3. Length Based
In variable length Packet mode, PKTParam_Payload_length must be programmed with the maximum length
permitted. If received length byte is smaller than this maximum then the packet is accepted and processed,
otherwise it is discarded.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com