Electronic Components Datasheet Search
  English  ▼

X  

TDA9112A Datasheet(PDF) 15 Page - STMicroelectronics

Part # TDA9112A
Description  HIGH-END I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9112A Datasheet(HTML) 15 Page - STMicroelectronics

Back Button TDA9112A Datasheet HTML 11Page - STMicroelectronics TDA9112A Datasheet HTML 12Page - STMicroelectronics TDA9112A Datasheet HTML 13Page - STMicroelectronics TDA9112A Datasheet HTML 14Page - STMicroelectronics TDA9112A Datasheet HTML 15Page - STMicroelectronics TDA9112A Datasheet HTML 16Page - STMicroelectronics TDA9112A Datasheet HTML 17Page - STMicroelectronics TDA9112A Datasheet HTML 18Page - STMicroelectronics TDA9112A Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 60 page
background image
TDA9112A
15/60
VEW-TCor
Top corner correction compo-
nent of the EW-drive signal
(24)(26)(27)(28)(29)(31)(33)(36)(42)
(43)
TCC (Sad0Eh):
x0000000b
x1000000b
x1111111b
-1.4
0
+1.4
V
V
V
VEW-BCor
Bottom corner correction compo-
nent of the EW-drive signal
(24)(25)(27)(28)(29)(32)(33)(36)(42)
(43)
BCC (Sad0Fh):
x0000000b
x1000000b
x1111111b
-1.4
0
+1.4
V
V
V
VEW-S
Pin Cushion S correction compo-
nent of EW-drive signal
(24)(25)(26)(27)(28)(29)(33)(36)(41)
(43)
EWSC (Sad19h):
x0000000b
x1000000b
x1111111b
-0.3
0
0.3
V
V
V
VEW-W
Pin Cushion W correction com-
ponent of EW-drive signal
(24)(25)(26)(27)(28)(29)(33)(36)(41)
(42)
EWWC (Sad1Ah):
x0000000b
x1000000b
x1111111b
-0.1
0
0.1
V
V
V
Tracking of AC component of
EW-drive signal with horizontal
frequency(37)(38)(39)
I²C bit EWTrHFr=1
VHO
>VHOThrfr
VHO(min)
≤VHO≤VHOThrfr
0
20
%/V
%/V
Tracking of DC component of
EW-drive signal with horizontal
frequency(30)(38)(39)
I²C bit EWTrHFr=1
VHO
>VHOThrfr
VHO(min)
≤VHO≤VHOThrfr
0
20
%/V
%/V
Tracking of AC component of
EW-drive signal with horizontal
size(37)
I²C bit EWTrHSize=1
HSIZE (Sad10h):
00000000b
10000000b
11111111b
138
119
100
%
%
%
Breathing compensation on AC
component of the EW-drive sig-
nal(37)
VRefO
< VHEHT < VCC
VHEHT(min)
≤VHEHT≤VHE-
HT(max):
HEHTG (Sad1Bh):
0000000b
1000000b
1111111b
0
3.5
0
-3.5
%/V
%/V
%/V
%/V
Table 3. EW drive section (VCC = 12V, Tamb = 25°C)
Symbol
Parameter
Test Conditions
Value
Units
Min.
Typ.
Max.
V
∆
EW AC
–
V
EW AC
–
f
ma x
[]
V
HO
∆
⋅
------------------------------------------------------
V
∆
EW DC
–
V
EW DC
–
span
[]
V
HO
∆
⋅
-----------------------------------------------------
V
EW AC
–
V
EW AC
–
HSIZE
ma x
[]
---------------------------------------------------
V
EW AC
–
∆
V
EW A C
–
V
HEHT
∆
⋅
-------------------------------------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com