| Electronic Components Datasheet Search |
|
TDA9112A Datasheet(PDF) 50 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TDA9112A Datasheet(HTML) 50 Page - STMicroelectronics |
|
50 / 60 page ![]() TDA9112A 50/60 9.8 Miscellaneous 9.8.1 Safety functions The safety functions comprise supply voltage monitoring with appropriate actions, soft start and soft stop features on H-drive and B-drive signals on HOut and BOut outputs, B-drive cut-off at unlock condition and X-ray protection. For supply voltage supervision, refer to subsection 9.1.1 and Figure 1. A schematic diagram putting to- gether all safety functions and composite PLL1 lock and V-blanking indication is in Figure 19. 9.8.1.1 Soft start and soft stop function For soft start and soft stop features for H-drive and B-drive signal, refer to subsection 9.3.7 and subsec- tion 9.7 , respectively. See also the Figure 10 and Figure 11 . Regardless why the H-drive or B-drive signal are switched on or off (I²C-bus command, power up or down, X-ray protection), the signals always phase-in and phase-out in the way drawn in the figures, the first to phase-in and last to phase-out being the H-drive signal, which is to bet- ter protect the power stages at abrupt changes like switch-on and off. The timing of phase-in and phase-out depends on the capacitance connected to HPosF pin which is virtually unlimited for this function. However, as it has a dual function (see subsection 9.3.2 ), a compromise thereof is to be found. The soft stop at power down condition can be con- sidered as a special case. As at this condition the thresholds VHOn, VBOn and VHBNorm depend on the momentary level of supply voltage (marked VHOn ’, VBOn’, VHBNorm’ in Figure 11), the timing of soft stop mechanism depends, apart from the ca- pacitance on HPosF, also on the falling speed of supply voltage. The device is capable of perform- ing a correct soft stop sequence providing that, at the moment the supply voltage reaches VCCStop, the voltage on HPosF has already fallen below VHOn (Section 9.8). 9.8.1.2 B-drive cut-off at unlock condition This function is described in subsection 9.7.2 . 9.8.1.3 X-ray protection The X-ray protection is activated if the voltage lev- el on XRay input exceeds VThrXRay threshold and if the VCC is higher than the voltage level VCCXRay- En . As a consequence, the H-drive and B-drive signals on HOut and BOut outputs are inhibited (switched off) after a 2-horizontal deflection line delay provided to avoid erratic excessive X-ray condition detection at short parasitic spikes. The XRayAlarm I²C-bus flag is set to 1 to inform the MCU. This protection is latched; it may be reset either by VCC drop or by I²C-bus bit XRayReset (see Chapter 8 - page 27). |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |