Electronic Components Datasheet Search
  English  ▼

X  

TDA9112A Datasheet(PDF) 30 Page - STMicroelectronics

Part # TDA9112A
Description  HIGH-END I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9112A Datasheet(HTML) 30 Page - STMicroelectronics

Back Button TDA9112A Datasheet HTML 26Page - STMicroelectronics TDA9112A Datasheet HTML 27Page - STMicroelectronics TDA9112A Datasheet HTML 28Page - STMicroelectronics TDA9112A Datasheet HTML 29Page - STMicroelectronics TDA9112A Datasheet HTML 30Page - STMicroelectronics TDA9112A Datasheet HTML 31Page - STMicroelectronics TDA9112A Datasheet HTML 32Page - STMicroelectronics TDA9112A Datasheet HTML 33Page - STMicroelectronics TDA9112A Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 60 page
background image
TDA9112A
30/60
Sad16h/D5 - VSyncSel
Vertical Synchronization input Selection be-
tween the one extracted from composite HV sig-
nal on pin H/HVSyn and the one on pin VSyn. No
effect if VSyncAuto bit is at 1.
0: V. sync extracted from composite signal on
H/HVSyn
pin selected
1: V. sync applied on VSyn pin selected
Sad16h/D6 - VSyncAuto
Vertical Synchronization input selection Auto-
matic mode. If enabled, the device automatically
selects between the vertical sync extracted from
composite HV signal on pin H/HVSyn and the one
on pin VSyn, based on detection mechanism. If
both are present, the one coming first is kept.
0: Disabled, selection done according to bit
VSyncSel
1: Enabled, the bit VSyncSel has no effect
Sad16h/D7 - XRayReset
Reset to 0 of XRay flag of status register effect-
ed with ACK bit of I²C-bus data transfer into reg-
ister containing the XRayReset bit. Also see de-
scription of the flag.
0: No effect
1: Reset with automatic return of the bit to 0
Sad17h/D0 - BlankMode
Blanking operation Mode.
0: Blanking pulse starting with detection of
vertical synchronization pulse and ending
with end of vertical oscillator discharge
(start of vertical sawtooth ramp on the VOut
pin)
1: Permanent blanking - high blanking level in
composite signal on pin HLckVBk is perma-
nent
Sad17h/D1 - VOutEn
Vertical Output Enable.
0: Disabled, VoffVOut on VOut pin (see Section
6.5 Vertical section
)
1: Enabled, vertical ramp with vertical position
offset on VOut pin
Sad17h/D2 - HBOutEn
Horizontal and B+ Output Enable.
0: Disabled, levels corresponding to “power
transistor off” on HOut and BOut pins (high
for HOut, high or low for BOut, depending on
BOutPol bit).
1: Enabled, horizontal deflection drive signal
on HOut pin providing that it is not inhibited
by another internal event (activated XRay
protection). B+ drive signal on BOut pin if not
inhibited by another internal event.
Programming the bit to 1 after prior value of 0,
will initiate soft start mechanism of horizontal
drive and, if this is not inhibited by another inter-
nal event, also the soft start of B+ DC/DC con-
vertor controller. See also bits BMute and BSa-
feEn.
Sad17h/D3 - BOHEdge
If the bit BOutPh is at 1, selection of Edge of Hor-
izontal drive signal to phase B+ drive Output sig-
nal on BOut pin.
1: Rising edge
0: Falling edge
If the bit BOutPh is at 0, selection of signal to
phase B+ drive output on BOut pin:
1: Horizontal frequency divided by 2 signal,
top of horizontal VCO
0: End of horizontal flyback
Sad17h/D4,D5,D6,D7 - THM, TVM, TH, TV
Test bits. They must be kept at 0 level by appli-
cation S/W.
Sad1Fh/D0 - HDCFlatEn
Enlargement of the Flat part on Horizontal Dy-
namic Correction waveform (starting at the be-
ginning of horizontal flyback).
0: Disable
1: Enable
Sad1Fh/D1 - HVDyCorPol
Polarity of HV Dynamic Correction waveform.
0: Concave (minimum in the middle of the pa-
rabola)
1: Convex (maximum in the middle of the pa-
rabola)
Sad1Fh/D2 - HLockSpeed
Response Speed of lock-to-unlock transition of
H-lock component on HLock output and HLock
I²C-bus flag at signal change.
0: Low
1: High



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com