Electronic Components Datasheet Search
  English  ▼

X  

TDA9112A Datasheet(PDF) 46 Page - STMicroelectronics

Part # TDA9112A
Description  HIGH-END I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9112A Datasheet(HTML) 46 Page - STMicroelectronics

Back Button TDA9112A Datasheet HTML 42Page - STMicroelectronics TDA9112A Datasheet HTML 43Page - STMicroelectronics TDA9112A Datasheet HTML 44Page - STMicroelectronics TDA9112A Datasheet HTML 45Page - STMicroelectronics TDA9112A Datasheet HTML 46Page - STMicroelectronics TDA9112A Datasheet HTML 47Page - STMicroelectronics TDA9112A Datasheet HTML 48Page - STMicroelectronics TDA9112A Datasheet HTML 49Page - STMicroelectronics TDA9112A Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 60 page
background image
TDA9112A
46/60
9.6
Dynamic correction outputs section
9.6.1
Composite horizontal and vertical
dynamic correction output HVDyCor
A composite waveform is output on pin HVDyCor. It
consists of a parabola of vertical deflection fre-
quency, on which a parabola of horizontal deflec-
tion frequency is superimposed. The two parabolic
components can independently be adjusted via
I²C-bus, the vertical parabola in amplitude (
HVDC-
VAMP I²C-bus control), the horizontal parabola in
amplitude,
phase
and
shape
(
HVDC-HAMP,
HVDC-HPH and HVDC-HSHAP I²C-bus controls).
See also Chapter 8 - page 27 chapter. The influence
of the vertical component can be nullified by ad-
justing its control to minimum. For horizontal
waveform component, refer to Figure 16 and Figure
17
. The minimum value in
HVDC-HAMP I²C-bus
control does not correspond to null horizontal am-
plitude. The phase of the horizontal parabola can
roughly be adjusted via HDyCorPh I²C-bus bit for
the waveform’s start to coincide either with the be-
ginning or the middle of the H-flyback pulse. More-
over, its centre can be offset via
HVDC-HPH I²C-
bus control. The shape of the horizontal parabola
can be adjusted via
HVDC-HSHAP I²C-bus control
from a power-of-two to about a power-of-four. Be-
tween the waves of two subsequent lines, a flat is
inserted at level corresponding to the beginning of
the new wave. Putting HDCFlatEn and HDyCorPh
to “1” will cause the flat part to begin at start of H-
flyback and end a delay after its middle. Only this
delay (its duration is quasi-constant) is applied
when HDCFlatEn is at “0”. Refer to electrical spec-
ifications for values.
The horizontal parabola component tracks with
value in
HSIZE control provided that HDyCorTr I²C
bit is set to 1 (0 by default).
As the vertical parabola component is generated
from the output vertical deflection drive waveform,
it tracks with real vertical amplitude and position. It
is not affected by C- and S-corrections or vertical
breathing compensation. It does not track with
Vertical size after-gain (Sad1Dh) nor with Vertical
position offset (Sad1Eh) adjustments.
The polarity of the HVDyCor output can be adjusted
via HVDyCorPol I²C-bus bit.
9.6.2
Vertical dynamic correction output
VDyCor
A parabola at vertical deflection frequency is avail-
able on pin VDyCor. Its amplitude is adjustable via
VDC-AMP I²C-bus control and polarity controlled
via VDyCorPol I²C-bus bit. It tracks with real verti-
cal amplitude and position. It is not affected by C-
and S-corrections or breathing compensation. It
does not track with
Vertical size after-gain
(Sad1Dh)
nor
with
Vertical
position
offset
(Sad1Eh) adjustments.
The use of both correction waveforms is up to the
application (e.g. dynamic focus, dynamic bright-
ness control).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com